Electronic Components Datasheet Search
  English  ▼

X  

IRF7335D1 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7335D1
Description  Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF7335D1 Datasheet HTML 4Page - International Rectifier IRF7335D1 Datasheet HTML 5Page - International Rectifier IRF7335D1 Datasheet HTML 6Page - International Rectifier IRF7335D1 Datasheet HTML 7Page - International Rectifier IRF7335D1 Datasheet HTML 8Page - International Rectifier IRF7335D1 Datasheet HTML 9Page - International Rectifier IRF7335D1 Datasheet HTML 10Page - International Rectifier IRF7335D1 Datasheet HTML 11Page - International Rectifier IRF7335D1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRF7335D1
8
www.irf.com
Schottky Diode Characteristics
Fig. 30 - Typical Values of
Reverse Current Vs. Reverse Voltage
Fig. 29 - Maximum Forward Voltage Drop
Characteristics
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
Forward Voltage Drop - V F ( V )
0.1
1
10
100
TJ = 150°C
TJ = 125°C
TJ = 25°C
0
5
10
15
20
25
30
Reverse Voltage - V R (V)
0.1
1
10
100
1000
10000
100000
125°C
100°C
Tj = 150°C
75°C
50°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com