Electronic Components Datasheet Search
  English  ▼

X  

EV6R11 Datasheet(PDF) 7 Page - IXYS Corporation

Part # EV6R11
Description  IX6R11 HALF BRIDGE DRIVER Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EV6R11 Datasheet(HTML) 7 Page - IXYS Corporation

  EV6R11 Datasheet HTML 1Page - IXYS Corporation EV6R11 Datasheet HTML 2Page - IXYS Corporation EV6R11 Datasheet HTML 3Page - IXYS Corporation EV6R11 Datasheet HTML 4Page - IXYS Corporation EV6R11 Datasheet HTML 5Page - IXYS Corporation EV6R11 Datasheet HTML 6Page - IXYS Corporation EV6R11 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
EV6R11 KIT
Figure 6: Boosting the IX6R11 outputs for larger MOSFETs.
With the addition of High Current MOSFET Drivers on the outputs, the IX6R11's typical 6A peak output current
capability can be "boosted" to drive the latest IXYS MOSFETS & IGBTs. Figure 6 shows the addition of two
IXDD414's. These are CMOS high-speed MOSFET drivers that have a 14A Peak Output Drive Capability, allowing
the IX6R11 to drive a pair of IXFK90N20Q 90A/200V Power MOSFETs. The 2 Ohm gate resistors shown should
be Non-Inductive High Performance Film resistors such at those available from Caddock. Particular attention also
needs to be paid to Suppy By-passing, Grounding, and minimizing the Output Lead Inductance when designing such
a high power circuit layout.
DS99102(10/03)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com