Electronic Components Datasheet Search
  English  ▼

X  

EV6R11 Datasheet(PDF) 1 Page - IXYS Corporation

Part # EV6R11
Description  IX6R11 HALF BRIDGE DRIVER Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EV6R11 Datasheet(HTML) 1 Page - IXYS Corporation

  EV6R11 Datasheet HTML 1Page - IXYS Corporation EV6R11 Datasheet HTML 2Page - IXYS Corporation EV6R11 Datasheet HTML 3Page - IXYS Corporation EV6R11 Datasheet HTML 4Page - IXYS Corporation EV6R11 Datasheet HTML 5Page - IXYS Corporation EV6R11 Datasheet HTML 6Page - IXYS Corporation EV6R11 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Single chip for driving high/low side MOSFETs /
IGBTs
• High to low side isolation of 600V
• Common-mode dv/dt immunity of greater than
50V/nanosecond
• Undervoltage lockout
• Optimized power circuit layout
• High side bootstrap supply
• Sockets for freewheeling fast recovery diodes
(FREDS)
• Flexibility of power level utilization
• 5V compatible HCMOS input logic with hysterisis
• Protection from cross conduction of the half
bridge
• Simple, fast and low cost means of evaluation
and design
• Option for using IXDP630 with RC oscillator or
IXDP631 with crystal oscillator for improved dead
time accuracy.
• Three phase operation with the ability to attach
additional slave driver boards.
First Release
Copyright © IXYS CORPORATION 2003
Introduction
The EV6R11 KIT implements a single power phase-leg
circuit on a double-sided PCB, using the ISOSMARTTM
HALF BRIDGE DRIVER CHIPSET - IX6R11and IXDP630
dead time generator. This evaluation board includes an
assembled and tested PCB with two power devices. Just
follow the instructions in this document and connect the
board to the load and power.
Any power circuit is layout sensitive. The layout of this
PCB is a proven, working layout. The designer is invited
to duplicate this layout in his system, following the
evaluation of the driver chipset.
Most systems vary in their power level requirements and
therefore the power devices used. Due to this fact and
fluctuations in availability of power devices, the kit will not
always include the same power devices. The designer is
encouraged to use the power devices that are required for
his system. The devices that are enclosed serve only for
initialevaluation.
IX6R11 HALF BRIDGE DRIVER Evaluation Board
EV6R11
Figure 1: EV6R11 Assembled PCB With S3 Package


Similar Part No. - EV6R11

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV6-10R-Q PANDUIT-EV6-10R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV6-12R-Q PANDUIT-EV6-12R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV6-38R-Q PANDUIT-EV6-38R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
EV6-56R-Q PANDUIT-EV6-56R-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
Kilovac EV600 High Voltage Contactor
More results

Similar Description - EV6R11

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com