Electronic Components Datasheet Search
  English  ▼

X  

MAX5548 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products MAX5548 Datasheet HTML 10Page - Maxim Integrated Products MAX5548 Datasheet HTML 11Page - Maxim Integrated Products MAX5548 Datasheet HTML 12Page - Maxim Integrated Products MAX5548 Datasheet HTML 13Page - Maxim Integrated Products MAX5548 Datasheet HTML 14Page - Maxim Integrated Products MAX5548 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Power Sequencing
Ensure that the voltage applied to REFIN does not
exceed VDD at any time. If proper power sequencing is
not possible, connect an external Schottky diode
between REFIN and VDD to ensure compliance with the
absolute maximum ratings.
Power-Supply Bypassing and Ground
Management
Digital or AC transient signals on GND create noise at
the analog output. Return GND to the highest-quality
ground plane available. For extremely noisy environ-
ments, bypass REFIN and VDD to GND with 1µF and
0.1µF capacitors with the 0.1µF capacitor as close to
the device as possible. Careful PC board ground layout
minimizes crosstalk between the DAC outputs and
digital inputs.
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
14
______________________________________________________________________________________
CONTROLLER
DEVICE
DIN(0)
DOUT(0)
SCLK
CS
MAX5548
DIN(1)
DOUT(1)
SCLK
CS
MAX5548
DIN(2)
DOUT(2)
SCLK
CS
MAX5548
Figure 8. Daisy-Chain Configuration
15
16
14
13
5
6
7
8
13
VDD
4
12
10
9
N.C.
GND
GND
REFIN
N.C.
DOUT/A1
MAX5548
2
11
N.C.
THIN QFN (3mm x 3mm)
TOP VIEW
Pin Configuration
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com