Electronic Components Datasheet Search
  English  ▼

X  

MAX5548 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5548 Datasheet HTML 1Page - Maxim Integrated Products MAX5548 Datasheet HTML 2Page - Maxim Integrated Products MAX5548 Datasheet HTML 3Page - Maxim Integrated Products MAX5548 Datasheet HTML 4Page - Maxim Integrated Products MAX5548 Datasheet HTML 5Page - Maxim Integrated Products MAX5548 Datasheet HTML 6Page - Maxim Integrated Products MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, GND = 0, VREFIN = +1.25V, internal reference, RFSADJ_ = 20k
Ω; compliance voltage = (VDD - 0.6V),
VSCLK/SCL = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +3.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC-to-DAC Current Matching
2%
VDD = +3V, RL = 65
Ω, CL = 24pF
400
Wake-Up Time
VDD = +5V, no load
10
µs
POWER SUPPLIES
Supply Voltage
VDD
+2.70
+5.25
V
Supply Current
IDD
VDD = +5.25V, no load
3
6
mA
Shutdown Current
1.2
µA
LOGIC AND CONTROL INPUTS
+2.7V
≤ VDD ≤ +3.4V
0.7 x
VDD
Input High Voltage (Note 5)
VIH
+34V < VDD
≤ +5.25V
2.4
V
Input Low Voltage
VIL
(Note 5)
0.8
V
Input Hysteresis
VHYS
0.1 x
VDD
V
Input Capacitance
CIN
10
pF
Input Leakage Current
IIN
±1
µA
Output Low Voltage
VOL
ISINK = 3mA
0.6
V
Output High Voltage
VOH
ISOURCE = 2mA
VDD -
0.5
V
I2C TIMING CHARACTERISTICS (Figure 2)
SCL Clock Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU:STA
600
ns
Hold Time for START Condition
tHD:STA
600
ns
SCL Pulse-Width Low
tLOW
130
ns
SCL Pulse-Width High
tHIGH
600
ns
Data Setup Time
tSU:DAT
100
ns
Data Hold Time
tHD:DAT
070
ns
SCL Rise Time
tRCL
20 + 0.1
x CB
300
ns
SCL Fall Time
tFCL
20 + 0.1
x CB
300
ns
SDA Rise Time
tRDA
20 + 0.1
x CB
300
ns
SDA Fall Time
tFDA
20 + 0.1
x CB
300
ns
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com