Electronic Components Datasheet Search
  English  ▼

X  

MAX5548 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5548 Datasheet HTML 1Page - Maxim Integrated Products MAX5548 Datasheet HTML 2Page - Maxim Integrated Products MAX5548 Datasheet HTML 3Page - Maxim Integrated Products MAX5548 Datasheet HTML 4Page - Maxim Integrated Products MAX5548 Datasheet HTML 5Page - Maxim Integrated Products MAX5548 Datasheet HTML 6Page - Maxim Integrated Products MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, GND = 0, VREFIN = +1.25V, internal reference, RFSADJ_ = 20k
Ω; compliance voltage = (VDD - 0.6V),
VSCLK/SCL = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +3.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Setup Time for STOP Condition
tSU:STO
160
ns
Maximum Capacitive Load for
Each Bus Line
CB
400
pF
SPI TIMING CHARACTERISTICS (Figure 6)
SCLK Clock Period
tCP
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
CS Fall to SCLK Rise Setup Time
tCSS
25
ns
SCLK Rise to CS Rise Hold Time
tCSH
50
ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
SCLK Fall to DOUT Transition
tDO1
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tCSE
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tCSD
CLOAD = 30pF
40
ns
SCLK Rise to CS Fall Delay
tCS0
50
ns
CS Rise to SCLK Rise Hold Time
tCS1
40
ns
CS Pulse-Width High
tCSW
100
ns
SPI TIMING CHARACTERISTICS FOR DAISY CHAINING (Figure 6)
SCLK Clock Period
tCP
200
ns
SCLK Pulse-Width High
tCH
80
ns
SCLK Pulse-Width Low
tCL
80
ns
CS Fall to SCLK Rise Setup Time
tCSS
25
ns
SCLK Rise to CS Rise Hold Time
tCSH
50
ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
SCLK Fall to DOUT Transition
tDO1
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tCSE
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tCSD
CLOAD = 30pF
40
ns
SCLK Rise to CS Fall Delay
tCS0
50
ns
CS Rise to SCLK Rise Hold Time
tCS1
40
ns
CS Pulse-Width High
tCSW
100
ns
Note 1: 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: INL linearity is guaranteed from code 15 to code 255.
Note 3: Connect a resistor from FSADJ_ to GND to adjust the full-scale current. See the Reference Architecture and Operation section.
Note 4: Settling time is measured from (0.25 x full scale) to (0.75 x full scale).
Note 5: The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (GND +
0.5V). See the Supply Current vs. Digital Input Voltage graph in the Typical Operating Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com