Electronic Components Datasheet Search
  English  ▼

X  

MAX5548 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5548 Datasheet HTML 1Page - Maxim Integrated Products MAX5548 Datasheet HTML 2Page - Maxim Integrated Products MAX5548 Datasheet HTML 3Page - Maxim Integrated Products MAX5548 Datasheet HTML 4Page - Maxim Integrated Products MAX5548 Datasheet HTML 5Page - Maxim Integrated Products MAX5548 Datasheet HTML 6Page - Maxim Integrated Products MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
_______________________________________________________________________________________
5
INL vs. CODE
CODE
0
32
64
96
128 160 192 224 256
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
DNL vs. CODE
CODE
0
32
64
96
128 160 192 224 256
-0.500
-0.375
-0.250
-0.125
0
0.125
0.250
0.375
0.500
INL vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
0
0.125
0.250
0.375
0.500
0.625
0.750
0.875
1.000
DNL vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
0
0.0125
0.0250
0.0375
0.0500
0.0625
0.0750
0.0875
0.1000
MAXIMUM INL ERROR
vs. OUTPUT CURRENT RANGES
0
0.2
0.4
0.6
0.8
1.0
1–2
2–5
OUTPUT CURRENT RANGE (mA)
4.5–9
8–16
15–30
1.5–3
0
1.0
0.5
2.5
2.0
1.5
4.0
3.5
3.0
4.5
-40
10
-15
35
60
85
ZERO-SCALE OUTPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5V
VDD = 3V
FULL-SCALE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
29.72
29.74
29.76
29.78
29.80
29.82
29.84
29.86
29.88
VDD = 3V
VDD = 5V
SETTLING TIME
(FULL-SCALE POSITIVE STEP)
MAX5548 toc08
VOUT_
1V/div
10
µs/div
CS
2V/div
RLOAD = 65
Ω
CLOAD = 24pF
SETTLING TIME
(FULL-SCALE NEGATIVE STEP)
MAX5548 toc09
VOUT_
1V/div
10
µs/div
CS
2V/div
RLOAD = 65
Ω
CLOAD = 24pF
Typical Operating Characteristics
(VDD = +3.0V, GND = 0, VREFIN = +1.25V, internal reference, RFSADJ_ = 20k
Ω, TA = +25°C. unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com