Electronic Components Datasheet Search
  English  ▼

X  

V386GLF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # V386GLF
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386GLF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button V386GLF Datasheet HTML 2Page - Integrated Circuit Systems V386GLF Datasheet HTML 3Page - Integrated Circuit Systems V386GLF Datasheet HTML 4Page - Integrated Circuit Systems V386GLF Datasheet HTML 5Page - Integrated Circuit Systems V386GLF Datasheet HTML 6Page - Integrated Circuit Systems V386GLF Datasheet HTML 7Page - Integrated Circuit Systems V386GLF Datasheet HTML 8Page - Integrated Circuit Systems V386GLF Datasheet HTML 9Page - Integrated Circuit Systems V386GLF Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
8-BIT LVDS RECEIVER FOR VIDEO
V386
V386 Datasheet
10
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
Package Outline and Package Dimensions (56-pin TSSOP)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit
Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of
third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended
temperature range, high reliability, or other extraordinary environmental requirements are not recommended
without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice.
ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
V386G
V386G
Tubes
56-pin TSSOP
0 to +70
°C
V386GT
V386G
Tape and Reel
56-pin TSSOP
0 to +70
°C
V386GLF
V386GLF
Tubes
56-pin TSSOP
0 to +70
°C
V386GLFT
V386GLF
Tape and Reel
56-pin TSSOP
0 to +70
°C
INDEX
AREA
1 2
56
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
—
1.20
—
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.17
0.27
0.007
0.011
C
0.09
0.20
0.0035
0.008
D
13.90
14.10
0.547
0.555
E
8.10 BASIC
0.319 BASIC
E1
6.00
6.20
0.236
0.244
e
0.50 BASIC
0.020 BASIC
L
0.45
0.75
0.018
0.030
a0
°
8
°
0
°
8
°
aaa
—
0.10
—
0.004
* For reference only. Controlling dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com