Electronic Components Datasheet Search
  English  ▼

X  

INA280 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 4 Page - Texas Instruments

  INA280 Datasheet HTML 1Page - Texas Instruments INA280 Datasheet HTML 2Page - Texas Instruments INA280 Datasheet HTML 3Page - Texas Instruments INA280 Datasheet HTML 4Page - Texas Instruments INA280 Datasheet HTML 5Page - Texas Instruments INA280 Datasheet HTML 6Page - Texas Instruments INA280 Datasheet HTML 7Page - Texas Instruments INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Vs
Supply Voltage
–0.3
22
V
Analog Inputs,
VIN+, VIN– (2)
Differential (VIN+) – (VIN–)
–30
30
V
Common - mode
–20
122
V
Output
GND – 0.3
Vs + 0.3
V
TA
Operating Temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the VIN+ and VIN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002, all pins(1)
HBM ESD Classification Level 2
±2000
V
Charged device model (CDM), per AEC Q100-011, all pins
CDM ESD Classification Level C6
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range(1)
VS
48
120
V
VS
Operating supply range
2.7
5
20
V
TA
Ambient temperature
–40
125
°C
(1)
Common-mode voltage can go below VS under certain conditions. See Figure 7-1 for additional information on operating range.
6.4 Thermal Information
THERMAL METRIC(1)
INA280-Q1
UNIT
DCK (SC-70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
191.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
144.4
°C/W
RθJB
Junction-to-board thermal resistance
69.2
°C/W
ΨJT
Junction-to-top characterization parameter
46.2
°C/W
ΨJB
Junction-to-board characterization parameter
69.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA280-Q1
SBOSA48 – NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com