Electronic Components Datasheet Search
  English  ▼

X  

INA280 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA280 Datasheet HTML 11Page - Texas Instruments INA280 Datasheet HTML 12Page - Texas Instruments INA280 Datasheet HTML 13Page - Texas Instruments INA280 Datasheet HTML 14Page - Texas Instruments INA280 Datasheet HTML 15Page - Texas Instruments INA280 Datasheet HTML 16Page - Texas Instruments INA280 Datasheet HTML 17Page - Texas Instruments INA280 Datasheet HTML 18Page - Texas Instruments INA280 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
• GAIN is the gain of the current-sense amplifier.
• VSN is the negative output swing of the device.
Table 8-1 shows an example of the different results obtained from using five different gain versions of the
INA280-Q1. From the table data, the highest gain device allows a smaller current-shunt resistor and decreased
power dissipation in the element.
Table 8-1. RSENSE Selection and Power Dissipation
PARAMETER(1)
EQUATION
RESULTS AT VS = 5 V
INA280A1Q
INA280A2Q
INA280A3Q
INA280A4Q
INA280A5Q
G
Gain
20 V/V
50 V/V
100 V/V
200 V/V
500 V/V
VSENSE
Ideal differential input voltage (Ignores
swing limitation and power supply
variation.)
VSENSE = VOUT / G
250 mV
100 mV
50 mV
25 mV
10 mV
RSENSE
Current sense resistor value
RSENSE = VSENSE / IMAX
25 mΩ
10 mΩ
5 mΩ
2.5 mΩ
1 mΩ
PSENSE
Current-sense resistor power dissipation
RSENSE x IMAX2
2.5 W
1 W
0.5W
0.25 W
0.1 W
(1)
Design example with 10-A full-scale current with maximum output voltage set to 5 V.
8.1.2 Input Filtering
Note
Input filters are not required for accurate measurements using the INA280, and use of filters in this
location is not recommended. If filter components are used on the input of the amplifier, follow the
guidelines in this section to minimize the effects on performance.
Based strictly on user design requirements, external filtering of the current signal may be desired. The initial
location that can be considered for the filter is at the output of the current-sense amplifier. Although placing the
filter at the output satisfies the filtering requirements, this location changes the low output impedance measured
by any circuitry connected to the output voltage pin. The other location for filter placement is at the current-sense
amplifier input pins. This location also satisfies the filtering requirement, but the components must be carefully
selected to minimally impact device performance. Figure 8-1 shows a filter placed at the input pins.
IN+
IN±
OUT
V
CM
-
+
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
R
IN
R
IN
C
IN
f
3dB = 4ŒRINCIN
1
Figure 8-1. Filter at Input Pins
External series resistance provides a source of additional measurement error, so keep the value of these series
resistors to 10 Ω or less to reduce loss of accuracy. The internal bias network shown in Figure 38 creates a
mismatch in input bias currents (see Figure 6-7, Figure 6-8, and Figure 6-9) when a differential voltage is applied
between the input pins. If additional external series filter resistors are added to the circuit, a mismatch is created
in the voltage drop across the filter resistors. This voltage is a differential error voltage in the shunt resistor
voltage. In addition to the absolute resistor value, mismatch resulting from resistor tolerance can significantly
impact the error because this value is calculated based on the actual measured resistance.
www.ti.com
INA280-Q1
SBOSA48 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com