Electronic Components Datasheet Search
  English  ▼

X  

INA280 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 5 Page - Texas Instruments

  INA280 Datasheet HTML 1Page - Texas Instruments INA280 Datasheet HTML 2Page - Texas Instruments INA280 Datasheet HTML 3Page - Texas Instruments INA280 Datasheet HTML 4Page - Texas Instruments INA280 Datasheet HTML 5Page - Texas Instruments INA280 Datasheet HTML 6Page - Texas Instruments INA280 Datasheet HTML 7Page - Texas Instruments INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio
VCM = 2.7 V to 120 V, TA = –40 °C to +125 °C
120
140
dB
f = 50 kHz
85
Vos
Offset voltage, input referred
15
±150
µV
dVos/dT Offset voltage drift
TA = –40 °C to +125 °C
1
µV/
℃
PSRR
Power supply rejection ratio,
input referred
VS = 2.7 V to 20 V, TA = –40 °C to +125 °C
1
±10
µV/V
IB
Input bias current
IB+, VSENSE = 0 mV
10
20
30
µA
IB–, VSENSE = 0 mV
10
20
30
OUTPUT
G
Gain
A1 devices
20
V/V
A2 devices
50
A3 devices
100
A4 devices
200
A5 devices
500
Gain error
GND + 50 mV ≤ VOUT ≤ VS – 200 mV
0.1
±0.5
%
Gain error drift
TA = –40 °C to +125 °C
2.5
20 ppm/°C
Nonlinearity error
0.01
%
Maximum capacitive load
No sustained oscillations, no isolation resistor
500
pF
VOLTAGE OUTPUT
Swing to VS power supply rail RLOAD = 10 kΩ, TA = –40 °C to +125 °C
VS – 0.07
VS – 0.2
V
Swing to ground
RLOAD = 10 kΩ, VSENSE = 0 V, TA = –40 °C to
+125 °C
0.005
0.025
V
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 5 pF, VSENSE = 200 mV
1100
kHz
A2 devices, CLOAD = 5 pF, VSENSE = 80 mV
1100
A3 devices, CLOAD = 5 pF, VSENSE = 40 mV
900
A4 devices, CLOAD = 5 pF, VSENSE = 20 mV
850
A5 devices, CLOAD = 5 pF, VSENSE = 8 mV
800
SR
Slew rate
2
V/µs
Settling time
VOUT =4 V ± 0.1 V step, output settles to 0.5%
9
µs
VOUT =4 V ± 0.1 V step, output settles to 1%
5
NOISE
Ven
Voltage noise density
50
nV/√Hz
POWER SUPPLY
VS
Supply voltage
TA = –40 °C to +125 °C
2.7
20
V
IQ
Quiescent current
370
500
µA
TA = –40 °C to +125 °C
600
www.ti.com
INA280-Q1
SBOSA48 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com