Electronic Components Datasheet Search
  English  ▼

X  

INA280 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments INA280 Datasheet HTML 10Page - Texas Instruments INA280 Datasheet HTML 11Page - Texas Instruments INA280 Datasheet HTML 12Page - Texas Instruments INA280 Datasheet HTML 13Page - Texas Instruments INA280 Datasheet HTML 14Page - Texas Instruments INA280 Datasheet HTML 15Page - Texas Instruments INA280 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7.3.1.1 Input-Signal Bandwidth
The INA280-Q1 –3-dB bandwidth is gain dependent with several gain options of 20 V/V, 50 V/V, 100 V/V, 200
V/V, and 500 V/V as shown in Figure 6-2. The unique multistage design enables the amplifier to achieve high
bandwidth at all gains. This high bandwidth provides the throughput and fast response that is required for the
rapid detection and processing of overcurrent events.
The bandwidth of the device also depends on the applied V SENSE voltage. Figure 7-2 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown
in Figure 7-2, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is higher
with lower device gain options. Individual requirements determine the acceptable limits of error for high-
frequency, current-sensing applications. Testing and evaluation in the end application or circuit is required to
determine the acceptance criteria and validate whether or not the performance levels meet the system
specifications.
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
200
300
400
500
600
700
800
900
1000
1100
1200
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 7-2. Bandwidth vs Output Voltage
7.3.1.2 Low Input Bias Current
The INA280-Q1 input bias current draws 20 μA (typical) even with common-mode voltages as high as 120 V.
This enables precision current sensing in applications where the sensed current is small or applications that
require lower input leakage current.
7.3.1.3 Multiple Fixed Gain Outputs
The INA280-Q1 gain error is < 0.5% at room temperature for all gain options, with a maximum drift of 20ppm/°C
over the full temperature range of –40 °C to +125 °C. The INA280-Q1 is available in multiple gain options of 20
V/V, 50 V/V, 100 V/V, 200 V/V, and 500 V/V, which the system designer should select based on their desired
signal-to-noise ratio and other system requirements.
The INA280-Q1 closed-loop gain is set by a precision, low-drift internal resistor network. Even though the ratio of
these resistors are well matched, the absolute value of these resistors may vary significantly. TI does not
recommend adding additional resistance around the INA280-Q1 to change the effective gain because of this
variation, however. The typical values of the gain resistors are described in Table 7-1.
Table 7-1. Fixed Gain Resistor
GAIN
R1
RL
20 (V/V)
25 kΩ
500 kΩ
50 (V/V)
10 kΩ
500 kΩ
100 (V/V)
10 kΩ
1000 kΩ
200 (V/V)
5 kΩ
1000 kΩ
500 (V/V)
2 kΩ
1000 kΩ
INA280-Q1
SBOSA48 – NOVEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com