Electronic Components Datasheet Search
  English  ▼

X  

LTC4230 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4230
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4230 Datasheet HTML 10Page - Linear Technology LTC4230 Datasheet HTML 11Page - Linear Technology LTC4230 Datasheet HTML 12Page - Linear Technology LTC4230 Datasheet HTML 13Page - Linear Technology LTC4230 Datasheet HTML 14Page - Linear Technology LTC4230 Datasheet HTML 15Page - Linear Technology LTC4230 Datasheet HTML 16Page - Linear Technology LTC4230 Datasheet HTML 17Page - Linear Technology LTC4230 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
LTC4230
4230f
INTERNAL UNDERVOLTAGE LOCKOUT (UVLO)
The LTC4230’s power-on reset circuit initializes the start-
up condition and ensures the chip is in the proper state if
the input supply voltages are too low. If any one of the
input supply voltages falls below its corresponding UVLO
lower threshold (e.g., VCC1 < 2.25V, VCC2 < 2.105V or VCC3
< 1.155V), the LTC4230 enters UVLO mode and all three
GATE
n pins are each pulled low by internal 200
µA current
sinks. Since the LTC4230’s UVLO circuits have hysteresis,
the device restarts when all three supply voltages rise
above their corresponding UVLO high threshold (e.g.,
VCC1 > 2.35V, VCC2 > 2.15V and VCC3 > 1.19V) and the ON
pin goes high.
In addition, users can utilize the ON comparator (COMP1)
or the FAULT comparator (COMP6) to effectively program
a higher undervoltage lockout level. If the FAULT com-
parator is used for this purpose, the system will wait for
the input voltage to increase above the level set by the user
before starting the second timing cycle. Also, if the input
voltage drops below the set level in normal operating
mode, the user must cycle the ON pin or VCC1 to restart the
system.
GLITCH FILTER FOR RESET
n
Each LTC4230 feedback comparator has a glitch filter to
prevent RESET
n from generating a system reset if there
are transients on the FB
n pin. The relationship between
glitch filter time and the feedback transient voltage is
shown in Figure 3.
SYSTEM TIMING
System timing for the LTC4230 is generated in the equiva-
lent circuit shown in Figure 4. If the LTC4230’s internal
timing circuit is off, an internal N-channel FET connects
the TIMER pin to GND. If the timing circuit is enabled, an
internal 20
µA current source is then connected to the
TIMER pin to charge CTIMER at a rate given by Equation 1:
C
Charge -Up Rate
TIMER
=
µ
20 A
C TIMER
(1)
When the TIMER pin voltage reaches TMRHI’s threshold
of 1.234V, the TIMER pin is reset to GND. Equation 2 gives
an expression for the timer period:
tV
C
A
TIMER
TIMER
=
µ
1 234
20
.•
(2)
As a design aid, the LTC4230’s timer period as a function
of the CTIMER using standard values from 0.1µF to 10µF is
shown in Table 1.
FEEDBACK TRANSIENT (mV)
0
150
200
250
160
4211 F03
100
50
0
40
80
120
20
180
60
100
140
200
TA = 25°C
Figure 3. FB Comparator Glitch Filter Time
vs Feedback Transient Voltage
–
+
0.3V
20
µA
tTIMER
LTC4230*
VCC1
VREF
1.234V
TMRLO
LOGIC
TMRHI
TIMER
CTIMER
M6
NORMAL
4230 F04
*ADDITIONAL DETAILS OMITTED FOR CLARITY
Figure 4. LTC4230 System Timing Block Diagram
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com