Electronic Components Datasheet Search
  English  ▼

X  

LTC4230 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4230
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230 Datasheet(HTML) 2 Page - Linear Technology

  LTC4230 Datasheet HTML 1Page - Linear Technology LTC4230 Datasheet HTML 2Page - Linear Technology LTC4230 Datasheet HTML 3Page - Linear Technology LTC4230 Datasheet HTML 4Page - Linear Technology LTC4230 Datasheet HTML 5Page - Linear Technology LTC4230 Datasheet HTML 6Page - Linear Technology LTC4230 Datasheet HTML 7Page - Linear Technology LTC4230 Datasheet HTML 8Page - Linear Technology LTC4230 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC4230
4230f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage (VCC1)
q
2.700
16.5
V
Supply Voltage (VCC2)VCC2 ≤ VCC1
q
2.375
16.5
V
Supply Voltage (VCC3)VCC3 ≤ (VCC1 – 1V)
q
1.700
15.5
V
ICC
Supply Current (ICC1)
ON = VCC1, FB1 = High
q
1.8
3
mA
Supply Current (ICC2)
ON = VCC1, FB2 = High
q
75
150
µA
Supply Current (ICC3)
ON = VCC1, FB3 = High
q
65
150
µA
VLKO1
Undervoltage Lockout , Channel 1
VCC1 Low to High Transition
q
2.15
2.35
2.52
V
VLKO2
Undervoltage Lockout , Channel 2
VCC2 Low to High Transition
q
1.98
2.15
2.32
V
VLKO3
Undervoltage Lockout , Channel 3
VCC3 Low to High Transition
q
1.09
1.19
1.29
V
VLKOHST1
Undervoltage Lockout Hysteresis, Channel 1
100
mV
VLKOHST2
Undervoltage Lockout Hysteresis, Channel 2
45
mV
VLKOHST3
Undervoltage Lockout Hysteresis, Channel 3
35
mV
IIN, FBn
FB
n Pin Input Current
0V
≤ VFBn ≤ VCCn
q
±0.1
±10
µA
IIN, ON
ON Pin Input Current
0V
≤ VON ≤ VCC1
q
±0.1
±10
µA
IIN, SENSEn
Input Current for SENSE
n
0V
≤ VSENSEn ≤ VCCn
q
±0.1
±15
µA
VCB(FAST)
Circuit Breaker
n Trip Voltage
Fast Comparator
q
135
150
165
mV
VCB(SLOW)
Slow Comparator
q
40
50
60
mV
IGATEn, UP
GATE
n Pull-Up Current
Charge Pump On, 0
≤ VGATEn < 0.2V
q
–12.5
–10
–6.5
µA
IGATEn, DN
Normal GATE
n Pull-Down Current
ON Low, VGATEn = 5V
200
µA
Fast GATE
n Pull-Down Curent
FAULT Latched and Circuit Breaker
16
mA
Tripped or in UVLO, VGATEn = 5V
ILEAK
RESET
n Leakage Current
VRESETn = 15V, Pull-Down Device Off
q
±0.1
±2.5
µA
TJMAX = 125°C, θJA = 95°C/ W
ORDER PART
NUMBER
Supply Voltage (VCCn) ............................................. 17V
SENSE
n Pins ............................... – 0.3V to (VCC + 0.3V)
FB
n, ON Pins ............................... – 0.3V to (VCC + 0.3V)
TIMER Pin ...................................................– 0.3V to 2V
GATE
n Pins ........................... Internally Limited (Note 3)
RESET
n, FAULT, FILTER Pins ....................– 0.3V to 17V
Operating Temperature Range
LTC4230C ............................................... 0
°C to 70°C
LTC4230I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC4230CGN
LTC4230IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC1 = 3.3V, VCC2 = 2.5V,VCC3 = 1.8V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
GN PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
FB3
RESET 3
GATE 3
SENSE 3
VCC3
VCC1
SENSE 1
GATE 1
RESET 1
FB1
FB2
RESET 2
GATE 2
SENSE 2
VCC2
ON
GND
FAULT
TIMER
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com