Electronic Components Datasheet Search
  English  ▼

X  

LTC4230 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4230
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230 Datasheet(HTML) 3 Page - Linear Technology

  LTC4230 Datasheet HTML 1Page - Linear Technology LTC4230 Datasheet HTML 2Page - Linear Technology LTC4230 Datasheet HTML 3Page - Linear Technology LTC4230 Datasheet HTML 4Page - Linear Technology LTC4230 Datasheet HTML 5Page - Linear Technology LTC4230 Datasheet HTML 6Page - Linear Technology LTC4230 Datasheet HTML 7Page - Linear Technology LTC4230 Datasheet HTML 8Page - Linear Technology LTC4230 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
LTC4230
4230f
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC1 = 3.3V, VCC2 = 2.5V,VCC3 = 1.8V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
∆VGATEn
External N-Channel Gate Drive
VGATE1, 2 – VCC1, 2 (for VCC1, 2 = 2.7V, VCC3 = VCC1 – 1V) q
4.5
8
V
VGATE3 – VCC3 (for VCC1, 2 = 2.7V, VCC3 = VCC1 – 1V)
q
5.5
9
V
VGATE1, 2 – VCC1, 2 (for VCC1, 2 = 3.3V, VCC3 = VCC1 – 1V) q
510
V
VGATE3 – VCC3 (for VCC1, 2 = 3.3V, VCC3 = VCC1 – 1V)
q
611
V
VGATEn – VCCn (for VCC1, 2 = 5V, VCC3 = VCC1 – 1V)
q
916
V
VGATEn – VCCn (for VCC1, 2 = 12V or 15V,
q
718
V
VCC3 = VCC1 – 1V)
VGATEn, 0V
GATE
n Overvoltage Lockout
0.25
V
Threshold
VFBn
FB
n Low Threshold Voltage
FB
n High to Low Transition
q
1.209
1.234
1.259
V
∆VFBn
FB
n Line Regulation
2.7V
≤ VCC1 ≤ 16.5V
0.5
mV
VFBn, HST
FB
n Hysteresis
3mV
VONHI
ON High Threshold Voltage
ON Low to High Transition
q
1.250
1.314
1.380
V
VONLO
ON Low Threshold Voltage
ON High to Low Transition
q
1.172
1.234
1.270
V
VONHST
ON Hysteresis
80
mV
IFILTER
FILTER Pull-Up Current
During Slow Fault Condition
q
– 2.5
– 2
–1.3
µA
FILTER Pull-Down Current
During Normal and Reset Conditions
q
710
13
µA
VFILTER
FILTER Threshold
Latched Off Threshold, FILTER Low to High
q
1.10
1.26
1.42
V
VFILTERHST
FILTER Threshold Hysteresis
–70
mV
ITMR
TIMER Pull-Up Current
TIMER On
q
–23
– 20
–17
µA
TIMER Pull-Down Current
TIMER Off, VFAULT = Low
q
0.9
1.6
2.3
µA
VTIMER = 1.5V
2.5
mA
VTMR
TIMER Threshold
TIMER Low to High
q
1.172
1.234
1.27
V
TIMER High to Low
q
0.3
0.5
V
VFAULT
FAULT Low Threshold Voltage
FAULT High to Low
q
1.172
1.234
1.27
V
VFAULT, HST
FAULT Hysteresis
FAULT Low to High
50
mV
IFAULT, UP
FAULT Pull-Up Current
q
– 2.5
– 2
– 1.5
µA
VOLFAULT
Output Low Voltage
IFAULT = 1.6mA, VCC1 = 5V
q
0.19
0.4
V
VOLRESETn
Output Low Voltage
IRESETn = 1.6mA, VCC1 = 5V
q
0.19
0.4
V
tGATEFC
Fast COMP
n Trip to
VCB = 0mV to 200mV Step
q
0.5
1
µs
GATE
n Discharging
tFAULTSC
Slow Comparator Trip to
VCB = 0mV to 100mV Step, FILTER Floating
10
µs
FILTER High and FAULT Latched
10nF at FILTER Pin to GND
q
712
ms
tOVPFTR
FILTER Comparator Trip to
VFILTER = 0V to 5V
q
812
µs
GATE
n Discharging
tEXTFAULT
FAULT Low to GATE Discharging
VFAULT = 5V to 0V
q
1.5
3
4.5
µs
tRESET
Circuit Breaker Reset Time
ON Held Low to Guarantee FAULT High
q
15
30
µs
tOFF
Turn-Off Time
ON Goes Low to GATE
n Off
8
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All current into device pins is positive; all current out of device
pins is negative; all voltages are referenced to ground unless otherwise
specified.
Note 3: An internal zener at the GATE
n pin clamps the charge pump
voltage to a typical maximum operating voltage of 26V. External overdrive
of the GATE
n pin beyond the internal zener voltage may damage the part.
The GATE
n capacitance must be < 0.15
µF at maximum VCC. If a lower
GATE
n pin voltage is desired, use an external zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com