Electronic Components Datasheet Search
  English  ▼

X  

LTC4230 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4230
Description  Triple Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4230 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4230 Datasheet HTML 28Page - Linear Technology LTC4230 Datasheet HTML 29Page - Linear Technology LTC4230 Datasheet HTML 30Page - Linear Technology LTC4230 Datasheet HTML 31Page - Linear Technology LTC4230 Datasheet HTML 32Page - Linear Technology LTC4230 Datasheet HTML 33Page - Linear Technology LTC4230 Datasheet HTML 34Page - Linear Technology LTC4230 Datasheet HTML 35Page - Linear Technology LTC4230 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
LTC4230
4230f
Figure 23. High Side Overvoltage Protection Timing
1
3
7
6
5
4
4230 F23
FAULT IS PULLED LOW (BUT NOT LATCHED), SINCE THE
OVERVOLTAGE HAPPENED BEFORE THE END OF THE FIRST TIMING CYCLE
CHECK FOR FILTER LOW (< VREF)
CHECK FOR FAULT HIGH (> VREF + 50mV)
2
FAST COMPARATOR
ARMED
IF THE OVERVOLTAGE GOES AWAY,
THE SECOND CYCLE CONTINUES
SLOW COMPARATOR
ARMED
FILTER < 1.19V
ON
TIMER
GATE
n
VOUTn
FILTER
FAULT
RESET
GATE
n
VOUTn
CHECK FOR
GATE
n < 0.25V
POWER GOOD
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com