Electronic Components Datasheet Search
  English  ▼

X  

RA6M2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA6M2
Description  Armv7E-M architecture with DSP instruction set
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA6M2 Datasheet HTML 28Page - Renesas Technology Corp RA6M2 Datasheet HTML 29Page - Renesas Technology Corp RA6M2 Datasheet HTML 30Page - Renesas Technology Corp RA6M2 Datasheet HTML 31Page - Renesas Technology Corp RA6M2 Datasheet HTML 32Page - Renesas Technology Corp RA6M2 Datasheet HTML 33Page - Renesas Technology Corp RA6M2 Datasheet HTML 34Page - Renesas Technology Corp RA6M2 Datasheet HTML 35Page - Renesas Technology Corp RA6M2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
R01DS0357EJ0100 Rev.1.00
Page 32 of 100
Oct 8, 2019
RA6M2 Group
2. Electrical Characteristics
Figure 2.5
Temperature dependency in Deep Software Standby mode, power not supplied to SRAM or USB
resume detecting unit, power-on reset circuit low power function enabled (reference data)
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Note 1.
At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of the OFS1.LVDAS bit.
Note 2.
This applies when VBATT is used.
Table 2.8
Rise and fall gradient characteristics
Parameter
Symbol Min
Typ
Max
Unit
Test conditions
VCC rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.0084
-
20
ms/V
-
Voltage monitor 0 reset enabled at startup
0.0084
-
-
-
SCI/USB boot mode*1
0.0084
-
20
-
VCC falling gradient*2
SfVCC
0.0084
-
-
ms/V
-
Table 2.9
Rise and fall gradient and ripple frequency characteristics
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.6 V) and lower limit
(2.7 V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
--
10
kHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.2
--
1
MHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.08
--
10
MHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising
and falling gradient
dt/dVCC
1.0
-
-
ms/V
When VCC change exceeds VCC ±10%
1
10
100
-40
-20
0
20
40
60
80
100
Ta (
)
Average value of the tested middle samples during product evaluation.
Average value of the tested upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com