| Electronic Components Datasheet Search |
|
RA6M2 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA6M2 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 100 page ![]() R01DS0357EJ0100 Rev.1.00 Page 13 of 100 Oct 8, 2019 RA6M2 Group 1. Overview SDRAM interface CKE Output SDRAM clock enable signal SDCS Output SDRAM chip select signal, active-low RAS Output SDRAM low address strobe signal, active-low CAS Output SDRAM column address strobe signal, active-low WE Output SDRAM write enable signal, active-low DQM0 Output SDRAM I/O data mask enable signal for DQ07 to DQ00 DQM1 Output SDRAM I/O data mask enable signal for DQ15 to DQ08 A00 to A15 Output Address bus DQ00 to DQ15 I/O Data bus GPT GTETRGA, GTETRGB, GTETRGC, GTETRGD Input External trigger input pins GTIOC0A to GTIOC13A, GTIOC0B to GTIOC13B I/O Input capture, output compare, or PWM output pins GTIU Input Hall sensor input pin U GTIV Input Hall sensor input pin V GTIW Input Hall sensor input pin W GTOUUP Output 3-phase PWM output for BLDC motor control (positive U phase) GTOULO Output 3-phase PWM output for BLDC motor control (negative U phase) GTOVUP Output 3-phase PWM output for BLDC motor control (positive V phase) GTOVLO Output 3-phase PWM output for BLDC motor control (negative V phase) GTOWUP Output 3-phase PWM output for BLDC motor control (positive W phase) GTOWLO Output 3-phase PWM output for BLDC motor control (negative W phase) AGT AGTEE0, AGTEE1 Input External event input enable signals AGTIO0, AGTIO1 I/O External event input and pulse output pins AGTO0, AGTO1 Output Pulse output pins AGTOA0, AGTOA1 Output Output compare match A output pins AGTOB0, AGTOB1 Output Output compare match B output pins RTC RTCOUT Output Output pin for 1-Hz or 64-Hz clock RTCIC0 to RTCIC2 Input Time capture event input pins SCI SCK0 to SCK9 I/O Input/output pins for the clock (clock synchronous mode) RXD0 to RXD9 Input Input pins for received data (asynchronous mode/clock synchronous mode) TXD0 to TXD9 Output Output pins for transmitted data (asynchronous mode/clock synchronous mode) CTS0_RTS0 to CTS9_RTS9 I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active-low SCL0 to SCL9 I/O Input/output pins for the IIC clock (simple IIC mode) SDA0 to SDA9 I/O Input/output pins for the IIC data (simple IIC mode) SCK0 to SCK9 I/O Input/output pins for the clock (simple SPI mode) MISO0 to MISO9 I/O Input/output pins for slave transmission of data (simple SPI mode) MOSI0 to MOSI9 I/O Input/output pins for master transmission of data (simple SPI mode) SS0 to SS9 Input Chip-select input pins (simple SPI mode), active-low IIC SCL0 to SCL2 I/O Input/output pins for the clock SDA0 to SDA2 I/O Input/output pins for data SSIE SSIBCK0 I/O SSIE serial bit clock pins SSILRCK0/SSIFS0 I/O LR clock/frame synchronization pins SSITXD0 Output Serial data output pins SSIRXD0 Input Serial data input pins SSIDATA0 I/O Serial data input/output pins AUDIO_CLK Input External clock pin for audio (input oversampling clock) Table 1.16 Pin functions (2 of 5) Function Signal I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |