Electronic Components Datasheet Search
  English  ▼

X  

RA6M2 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RA6M2
Description  Armv7E-M architecture with DSP instruction set
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M2 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RA6M2 Datasheet HTML 60Page - Renesas Technology Corp RA6M2 Datasheet HTML 61Page - Renesas Technology Corp RA6M2 Datasheet HTML 62Page - Renesas Technology Corp RA6M2 Datasheet HTML 63Page - Renesas Technology Corp RA6M2 Datasheet HTML 64Page - Renesas Technology Corp RA6M2 Datasheet HTML 65Page - Renesas Technology Corp RA6M2 Datasheet HTML 66Page - Renesas Technology Corp RA6M2 Datasheet HTML 67Page - Renesas Technology Corp RA6M2 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
R01DS0357EJ0100 Rev.1.00
Page 64 of 100
Oct 8, 2019
RA6M2 Group
2. Electrical Characteristics
Figure 2.54
SPI timing for slave when CPHA = 1
2.3.12
QSPI Timing
Note 1.
tPcyc: PCLKA cycle.
Note 2.
N is set to 0 or 1 in SFMSLD.
Note 3.
N is set to 0 or 1 in SFMSHD.
Figure 2.55
QSPI clock timing
Table 2.26
QSPI timing
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit*1
Test conditions
QSPI
QSPCK clock cycle
tQScyc
248
tPcyc
Figure 2.55
QSPCK clock high pulse width
tQSWH
tQScyc × 0.4
-
ns
QSPCK clock low pulse width
tQSWL
tQScyc × 0.4
-
ns
Data input setup time
tSu
8-
ns
Figure 2.56
Data input hold time
tIH
0-
ns
QSSL setup time
tLEAD
(N+0.5) x
tQscyc - 5 *2
(N+0.5) x
tQscyc +100 *2
ns
QSSL hold time
tLAG
(N+0.5) x
tQscyc - 5 *3
(N+0.5) x
tQscyc +100 *3
ns
Data output delay
tOD
-4
ns
Data output hold time
tOH
-3.3
-
ns
Successive transmission delay
tTD
116
tQScyc
SSLAn
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SPI
n = A or B
tQScyc
QSPCLK output
tQSWH
tQSWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com