Electronic Components Datasheet Search
  English  ▼

X  

8985L Datasheet(PDF) 4 Page - 3M Electronics

Part # 8985L
Description  3M??Anodization Masking Tape 8985L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8985L Datasheet(HTML) 4 Page - 3M Electronics

  8985L Datasheet HTML 1Page - 3M Electronics 8985L Datasheet HTML 2Page - 3M Electronics 8985L Datasheet HTML 3Page - 3M Electronics 8985L Datasheet HTML 4Page - 3M Electronics 8985L Datasheet HTML 5Page - 3M Electronics 8985L Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISO Statement
3M™ Anodization Masking Tape 8985L
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative humidity in the original
packaging material. To obtain best performance, use this product within 12 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
This product was manufactured under a quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com