Electronic Components Datasheet Search
  English  ▼

X  

8985L Datasheet(PDF) 3 Page - 3M Electronics

Part # 8985L
Description  3M??Anodization Masking Tape 8985L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8985L Datasheet(HTML) 3 Page - 3M Electronics

  8985L Datasheet HTML 1Page - 3M Electronics 8985L Datasheet HTML 2Page - 3M Electronics 8985L Datasheet HTML 3Page - 3M Electronics 8985L Datasheet HTML 4Page - 3M Electronics 8985L Datasheet HTML 5Page - 3M Electronics 8985L Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Anodization Masking Tape 8985L
Available Sizes
Property
Values
Standard Roll Length
65.8 m
72 yd
Handling/Application Information
Application Ideas
• Masking during anodization operations.
Application Techniques
Surface Preparation
•Clean surfaces prior to masking, such as alkaline clean and deoxidize.
•Improve masking success by chem lm surface prior to masking.
Masking
•Optimal adhesion is obtained when both the tape and intended surface are within a temperature range of 60° to
80°F (16° to 27°C).
•To apply the tape, remove a portion of the liner from one end of the tape and rmly tack it down to the surface.
Gently pull liner away from tape at an angle as it is being applied by hand.
•Once the tape has been applied, rmly apply pressure to improve bond strength to surface. Additional tools
(wipers, rollers, etc.) may be needed to achieve proper bond.
•Squeegee out any air bubbles that may be trapped between the tape and the surface. Special attention to masking
edges for better sealing from chemicals.
Removal Techniques
•Allow masking tape to dwell greater than four hours after part processing before removal.
Plotter Suggestions
•Plotter Test Plot: Imperative to test and verify that the blade cuts all the way through the tape
•Plotter Pressure: Validate pressures are set to cut through the tape (backing and adhesive) to the liner. Pressure
settings may need to be increased depending on the thickness of the product and what material was run on the
plotters previously.
•Blade Angle: 45 or 60 degree angle preferred
•Blade Adjustment: If the blade is too far into the housing it isn't exposing enough blade to cut through down to the
liner. Adjust the blade to expose more in order to cut through the material.
•Fresh Blade: Blades need to be routinely changed in order to remain sharp to cut through the material correctly.
•Plotter Maintenance: Routine maintenance should be performed on plotters when inconsistent cuts are observed.
(cutter protection strip, blade holder, etc)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com