Electronic Components Datasheet Search
  English  ▼

X  

8985L Datasheet(PDF) 1 Page - 3M Electronics

Part # 8985L
Description  3M??Anodization Masking Tape 8985L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8985L Datasheet(HTML) 1 Page - 3M Electronics

  8985L Datasheet HTML 1Page - 3M Electronics 8985L Datasheet HTML 2Page - 3M Electronics 8985L Datasheet HTML 3Page - 3M Electronics 8985L Datasheet HTML 4Page - 3M Electronics 8985L Datasheet HTML 5Page - 3M Electronics 8985L Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
February, 2020
3M™ Anodization Masking Tape 8985L
Product Description
3M™ Anodization Masking Tape 8985L is a purple printed polyester tape
with a rubber adhesive and non-silicone release liner. Designed speci cally
for masking parts against chromic anodization bath processes.
Product Features
•
Strong backing provides excellent abrasion, tear, scratch, puncture and
moisture resistance to help protect surfaces.
•
The purple translucent backing allows for visual inspection without tape
removal.
•
Provides good initial tack and holding strength.
•
Rubber adhesive specially formulated to resist the harshest of chemical
bath chemistries and provide clean removal when nished.
•
Non-silicone adhesive allows use on many parts where subsequent
painting or bonding is necessary.
•
Non-silicone liner allows for die-cuts.


Similar Part No. - 8985L

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8985 FESTO-8985 Datasheet
87Kb / 1P
Roller lever valve
4/8/22
logo
Heyco.
8985 HEYCO-8985 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
List of Unclassifed Man...
89850003 ETC2-89850003 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89850007 ETC2-89850007 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89850008 ETC2-89850008 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
More results

Similar Description - 8985L

ManufacturerPart #DatasheetDescription
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
2393 3M-2393 Datasheet
126Kb / 5P
3M™ Premium High Temperature Masking Tape
Jun-2015
234 3M-234 Datasheet
129Kb / 5P
3M™ General Purpose Masking Tape 234
Feb-2016
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
226 3M-226 Datasheet
570Kb / 6P
3M??Scotch짰 Solvent Resistant Masking Tape 226
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com