Electronic Components Datasheet Search
  English  ▼

X  

8985L Datasheet(PDF) 5 Page - 3M Electronics

Part # 8985L
Description  3M??Anodization Masking Tape 8985L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8985L Datasheet(HTML) 5 Page - 3M Electronics

  8985L Datasheet HTML 1Page - 3M Electronics 8985L Datasheet HTML 2Page - 3M Electronics 8985L Datasheet HTML 3Page - 3M Electronics 8985L Datasheet HTML 4Page - 3M Electronics 8985L Datasheet HTML 5Page - 3M Electronics 8985L Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Anodization Masking Tape 8985L
Information
Technical Information: The technical information, guidance, and other statements contained in this document or
otherwise provided by 3M are based upon records, tests, or experience that 3M believes to be reliable, but the
accuracy, completeness, and representative nature of such information is not guaranteed. Such information is
intended for people with knowledge and technical skills su cient to assess and apply their own informed judgment
to the information. No license under any 3M or third party intellectual property rights is granted or implied with this
information.
Product Selection and Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control
can a ect the use and performance of a 3M product in a particular application. As a result, customer is solely
responsible for evaluating the product and determining whether it is appropriate and suitable for customer’s
application, including conducting a workplace hazard assessment and reviewing all applicable regulations and
standards (e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select, and use a 3M product and appropriate
safety products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm to
property.
Warranty, Limited Remedy, and Disclaimer: Unless a di erent warranty is speci cally stated on the applicable 3M
product packaging or product literature (in which case such warranty governs), 3M warrants that each 3M product
meets the applicable 3M product speci cation at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTY OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR ARISING OUT
OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M product does not conform to this warranty,
then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase
price.
Limitation of Liability: Except for the limited remedy stated above, and except to the extent prohibited by law, 3M
will not be liable for any loss or damage arising from or related to the 3M product, whether direct, indirect, special,
incidental, or consequential (including, but not limited to, lost pro ts or business opportunity), regardless of the legal
or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or strict liability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com