Electronic Components Datasheet Search
  English  ▼

X  

AXG220144 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXG220144
Description  Automation Controls Catalog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG220144 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXG220144 Datasheet HTML 1Page - Panasonic Semiconductor AXG220144 Datasheet HTML 2Page - Panasonic Semiconductor AXG220144 Datasheet HTML 3Page - Panasonic Semiconductor AXG220144 Datasheet HTML 4Page - Panasonic Semiconductor AXG220144 Datasheet HTML 5Page - Panasonic Semiconductor AXG220144 Datasheet HTML 6Page - Panasonic Semiconductor AXG220144 Datasheet HTML 7Page - Panasonic Semiconductor AXG220144 Datasheet HTML 8Page - Panasonic Semiconductor AXG220144 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Narrow pitch connectors
S35 (0.35mm pitch)
–2–
ACCTB66E 201803-T
ORDERING INFORMATION
Mated height: 0.6mm
Mated height: 0.8mm
PRODUCT TYPES
Notes: 1. Order unit: For volume production: 1-inner carton (1-reel) units. For samples, please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
0.6mm
6
AXG106144
AXG206144
15,000 pieces
30,000 pieces
10
AXG110144
AXG210144
12
AXG112144
AXG212144
16
AXG116144
AXG216144
20
AXG120144
AXG220144
24
AXG124144
AXG224144
30
AXG130144
AXG230144
34
AXG134144
AXG234144
40
AXG140144
AXG240144
44
AXG144144
AXG244144
50
AXG150144
AXG250144
54
AXG154144
AXG254144
60
AXG160144
AXG260144
0.8mm
12
AXG112224
AXG212224
15,000 pieces
30,000 pieces
24
AXG124224
AXG224224
34
AXG134224
AXG234224
44
AXG144224
AXG244224
Number of pins
(2 digits)
Mated height
(Socket/Header)
1: 0.6 mm
Surface treatment (Contact portion / Terminal portion)
(Socket)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
(Header)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
4: (Fixed)
AXG
1 4 4
1: Socket
2: Header
Number of pins
(2 digits)
Mated height
(Socket/Header)
2: 0.8 mm
Surface treatment (Contact portion / Terminal portion)
(Socket)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
(Header)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
2: (Fixed)
AXG
2 2 4
1: Socket
2: Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com