Electronic Components Datasheet Search
  English  ▼

X  

AXG220144 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXG220144
Description  Automation Controls Catalog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG220144 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXG220144 Datasheet HTML 1Page - Panasonic Semiconductor AXG220144 Datasheet HTML 2Page - Panasonic Semiconductor AXG220144 Datasheet HTML 3Page - Panasonic Semiconductor AXG220144 Datasheet HTML 4Page - Panasonic Semiconductor AXG220144 Datasheet HTML 5Page - Panasonic Semiconductor AXG220144 Datasheet HTML 6Page - Panasonic Semiconductor AXG220144 Datasheet HTML 7Page - Panasonic Semiconductor AXG220144 Datasheet HTML 8Page - Panasonic Semiconductor AXG220144 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
–1–
ACCTB66E 201803-T
DETAILED FEATURES
For board-to-FPC
S35
Narrow Pitch Connectors
(0.35mm pitch)
Excellent contact reliability and mating in a super miniature size (width 1.7 mm)
FEATURES
1. Slim: width 1.7mm
2. Low profile construction: mated height 0.6 mm/0.8 mm
3. “TOUGH CONTACT” construction withstands tough
environments despite being slim and low profile.
4. For 0.6mm mated height, thanks to our proprietary “Fine
fitting” construction, high removability with a nice click feel
is maintained while being low profile.
APPLICATIONS
Wearable devices, smartphones and hearable devices
Socket
Header
1.7mm
1.5mm
Width 1.7mm slim and two-piece type connector
Mated height 0.6mm
Smaller compared to A35US; Width: approx. 23% down
Mated height 0.8mm
Smaller compared to A35S/A4S; Width: approx. 32% down
Proprietary “TOUGH CONTACT” construction for both high
contact reliability and good workability while being slim and
low profile
Mated height 0.6mm
Mated height 0.8mm
1.7mm(S35)
Mated
height
0.6mm
2.2mm(A35US)
<Mating cross section>
S35
Approx.
23% down
S35
Approx.
32% down
<Mating cross section>
1.7mm(S35)
Mated
height
0.8mm
2.5mm(A35S/A4S)
2-point soldering
Header
Socket
1.7mm
8.45mm
(34 pins)
0.35mm
(pitch)
7.75mm
(34 pins)
0.35mm
(pitch)
1.5mm
2-point soldering
Header
Socket
1.7mm
8.30mm
(34 pins)
0.35mm
(pitch)
7.60mm
(34 pins)
0.35mm
(pitch)
1.5mm


Similar Part No. - AXG220144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXG25 ETC2-AXG25 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Advanced XTAL Products
AXG2X45G AXTAL-AXG2X45G Datasheet
147Kb / 3P
Dual Frequency Gated Oscillator 1030 / 1090 MHz
2018-11-06
More results

Similar Description - AXG220144

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
Automation Controls Catalog
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
Automation Controls Catalog
logo
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com