Electronic Components Datasheet Search
  English  ▼

X  

AXG220144 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXG220144
Description  Automation Controls Catalog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG220144 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXG220144 Datasheet HTML 1Page - Panasonic Semiconductor AXG220144 Datasheet HTML 2Page - Panasonic Semiconductor AXG220144 Datasheet HTML 3Page - Panasonic Semiconductor AXG220144 Datasheet HTML 4Page - Panasonic Semiconductor AXG220144 Datasheet HTML 5Page - Panasonic Semiconductor AXG220144 Datasheet HTML 6Page - Panasonic Semiconductor AXG220144 Datasheet HTML 7Page - Panasonic Semiconductor AXG220144 Datasheet HTML 8Page - Panasonic Semiconductor AXG220144 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Narrow pitch connectors
S35 (0.35mm pitch)
–4–
ACCTB66E 201803-T
DIMENSIONS (Unit: mm)
Socket (Mated height: 0.6 mm)
Header (Mated height: 0.6 mm)
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
The CAD data of the products with a
External dimensions
0.24±0.03
C±0.1
(0.825)
0.12±0.03
0.35±0.05
B±0.1
A
0.59
(Contact and soldering
terminals)
Terminal coplanarity
0.08
General tolerance: ±0.2
※Because the soldering terminal Y and Z are the unified structure,
 they are connected electrically.
Z※
Y※
Dimension table
A
B
C
6
3.55
0.70
2.95
10
4.25
1.40
3.65
12
4.60
1.75
4.00
16
5.30
2.45
4.70
20
6.00
3.15
5.40
24
6.70
3.85
6.10
30
7.75
4.90
7.15
34
8.45
5.60
7.85
40
9.50
6.65
8.90
44
10.20
7.35
9.60
50
11.25
8.40
10.65
54
11.95
9.10
11.35
60
13.00
10.15
12.40
Dimensions
Number
of pins
External dimensions
A
0.12±0.03
C±0.1
Soldering terminals
B±0.1
0.46
0.35±0.05
0.12±0.03
(Post and soldering
terminals)
Terminal coplanarity
0.08
General tolerance: ±0.2
Dimension table
A
B
C
6
2.85
0.70
2.10
10
3.55
1.40
2.80
12
3.90
1.75
3.15
16
4.60
2.45
3.85
20
5.30
3.15
4.55
24
6.00
3.85
5.25
30
7.05
4.90
6.30
34
7.75
5.60
7.00
40
8.80
6.65
8.05
44
9.50
7.35
8.75
50
10.55
8.40
9.80
54
11.25
9.10
10.50
60
12.30
10.15
11.55
Dimensions
Number
of pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com