Electronic Components Datasheet Search
  English  ▼

X  

AXG220144 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXG220144
Description  Automation Controls Catalog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG220144 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXG220144 Datasheet HTML 3Page - Panasonic Semiconductor AXG220144 Datasheet HTML 4Page - Panasonic Semiconductor AXG220144 Datasheet HTML 5Page - Panasonic Semiconductor AXG220144 Datasheet HTML 6Page - Panasonic Semiconductor AXG220144 Datasheet HTML 7Page - Panasonic Semiconductor AXG220144 Datasheet HTML 8Page - Panasonic Semiconductor AXG220144 Datasheet HTML 9Page - Panasonic Semiconductor AXG220144 Datasheet HTML 10Page - Panasonic Semiconductor AXG220144 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Narrow pitch connectors
S35 (0.35mm pitch)
–7–
ACCTB66E 201803-T
NOTES (Unit: mm)
Design of PC board patterns
Conduct the recommended foot pattern design, in order to
preserve the mechanical strength of terminal solder areas.
Recommended PC board and metal mask patterns
Connectors are mounted with high pitch density, intervals of 0.35
mm, 0.4 mm or 0.5 mm. In order to reduce solder and flux rise,
solder bridges and other issues make sure the proper levels of
solder is used.
The figures are recommended patterns. Please use them as a
reference.
Socket (Mated height: 0.6 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 100
μm
(Terminal opening ratio: 70%)
(Metal-part opening ratio: 100%)
Socket (Mated height: 0.8 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 100
μm
(Terminal opening ratio: 70%)
(Metal-part opening ratio: 100%)
:Insulation area
0.85±0.03
0.40±0.03
0.49±0.03
0.35±0.03
0.20±0.03
1.35±0.03
1.35±0.01
0.85±0.01
0.40±0.01
0.49±0.01
0.35±0.01
0.18±0.01
:Insulation area
0.35±0.03
0.20±0.03
0.80±0.03
0.50±0.03
0.40±0.03
1.275±0.03
0.35±0.01
0.18±0.01
0.40±0.01
0.50±0.01
0.80±0.01
1.275±0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com