Electronic Components Datasheet Search
  English  ▼

X  

DP-002 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DP-002
Description  Digital Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-002 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DP-002 Datasheet HTML 1Page - Panasonic Semiconductor DP-002 Datasheet HTML 2Page - Panasonic Semiconductor DP-002 Datasheet HTML 3Page - Panasonic Semiconductor DP-002 Datasheet HTML 4Page - Panasonic Semiconductor DP-002 Datasheet HTML 5Page - Panasonic Semiconductor DP-002 Datasheet HTML 6Page - Panasonic Semiconductor DP-002 Datasheet HTML 7Page - Panasonic Semiconductor DP-002 Datasheet HTML 8Page - Panasonic Semiconductor DP-002 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Digital Pressure Sensor
DP-0 SERIES
704
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
APPLICATIONS
Suction confirmation for electronic parts
Reference pressure check
High-quality LCD display
Compact & light weight design
Low pressure type and high pressure type available
Low pressure type: kPa, kgf/cm2, bar, psi, mmHg
High pressure type: MPa, kgf/cm2, bar, psi
Comparative output
ON/OFF display
Key lock icon
OVER mark
Pressure unit display
Pressure/setting display
Mode
Display
color setting
RUN mode
Detailed mode
Comparative output ON Comparative output OFF
Red for ON, white for OFF
Red
White
Pink
White for ON, red for OFF
White
Red
Red in normal status
Red
White in normal status
White
RUN mode
Detailed setting mode
42.5 mm 1.673 in
< Actual size >
24.9 mm
0.980 in
Approx.
40 g
Approx.
40 g
Approx.
25 g
DP-0 series
Conventional model
(
DP-100 series standard pressure port type)
Low
pressure type
High
pressure type
DP-001□
DP-002□
−100 kPa
100 kPa
1 MPa
0 kPa
Ideal for applications such
as suction. No mis-operations
occur due to vacuum
breakdown.
Ideal for applications such
as checking reference
pressure. Can also be
used for simple suction.
<Low pressure type>
<High pressure type>
Simple and highly visible display
The LCD offers a wide viewing angle so the display
is easy to see even from an oblique angle. The
alphanumeric display (12-segment display), the key lock
mark and the OVER mark are also clear and easy to see.
Extra-short depth and light weight
The unit body measures only 24.9 mm 0.980 in in depth
to allow installation in a shallow space. The main unit
weighs only about 25 g. The lightweight unit means
minimal load when mounted on a moving part such as a
robot arm.
Comparison with
conventional model
DP-100 series standard
pressure port type
Depth
dimension : Approx.
41% shorter!
Main unit
weight
:
Approx.
38% lighter!
Two types to choose from depending on your application
The low pressure type can be used with positive or
negative pressure, while the high pressure type is
suitable for positive pressure of up to 1 MPa.
Selection of display color from red or white
The display color can be selected from red or white
in accordance with the output operation. Since the
detailed setting mode display is pink (unchangeable),
the pressure sensor status can be easily recognized by
color.
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com