Electronic Components Datasheet Search
  English  ▼

X  

DP-002 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DP-002
Description  Digital Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-002 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DP-002 Datasheet HTML 1Page - Panasonic Semiconductor DP-002 Datasheet HTML 2Page - Panasonic Semiconductor DP-002 Datasheet HTML 3Page - Panasonic Semiconductor DP-002 Datasheet HTML 4Page - Panasonic Semiconductor DP-002 Datasheet HTML 5Page - Panasonic Semiconductor DP-002 Datasheet HTML 6Page - Panasonic Semiconductor DP-002 Datasheet HTML 7Page - Panasonic Semiconductor DP-002 Datasheet HTML 8Page - Panasonic Semiconductor DP-002 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
705 DigitalPressureSensorDP-0SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
Environmentally
friendly
Connection cable *
* Options: 1 m 3.281 ft / 3 m 9.843 ft / 5 m 16.404 ft types are also available.
Three output modes
Equipped with three output modes for use in a wide range of applications
Designed for easy installation
Panel mounting bracket
H (Hysteresis)
P-1
0
ON
OFF
Comparative
output
P-1
P-2
0
P-1
P-2
0
ON
OFF
Comparative
output
H (Hysteresis)
H (Hysteresis)
H (Hysteresis)
Comparative
output
ON
OFF
H (Hysteresis)
P-1
0
ON
OFF
Comparative
output
P-1
P-2
0
P-1
P-2
0
ON
OFF
Comparative
output
H (Hysteresis)
H (Hysteresis)
H (Hysteresis)
Comparative
output
ON
OFF
H (Hysteresis)
P-1
0
ON
OFF
Comparative
output
P-1
P-2
0
P-1
P-2
0
ON
OFF
Comparative
output
H (Hysteresis)
H (Hysteresis)
H (Hysteresis)
Comparative
output
ON
OFF
(1) EASY mode
This mode is used for comparative output ON/
OFF control.
(2) Hysteresis mode
This mode is used for setting comparative
output hysteresis to the desired level and for
carrying out ON/OFF control.
(3) Window comparator mode
This mode is used for setting comparative
output ON and OFF at pressures within the
setting range.
*H: 4 digits (fixed) (10 digits or more when using psi unit)
*H: 2 digits or more (5 digits or more when using psi unit)
*H: 4 digits or more (10 digits or more when using psi unit)
Tight installation is possible
An exclusive mounting bracket
that is suitable for 1 to 3 mm 0.039
to 0.118 in panel thickness is
available.
Exclusive mounting bracket
Connection cable
Supports tight installation
Space savings can also be
achieved even when an
L-shaped mounting
bracket is used.
Cable can be connected with one-touch
Connector attached cable (2 m 6.562 ft), as an
accessory, can be connected easily with one-touch
connection.
Types without connector attached cable are
also available
Commercially-available connectors can be used for cable
connections. Cables in required length can be used, so this
contributes to reduction in waste of unwanted cables.
Tight installation
is possible
Panel mounting bracket
MS-DP1-8
Front protection cover
MS-DP1-3
Neat and
space saving
A single
mounting hole
Positioning bosses for easier
mounting bracket installation
Tight installation is possible
M3 (length 6 mm 0.236 in)
screws with washers
(Accessory for
MS-DP1-1)
M3 (length 6 mm 0.236 in)
screws with washers
(Accessory for
MS-DP1-5)
Ceiling mounting
Floor mounting
Rear mounting
MS-DP1-5
MS-DP1-1
* Refer to p.706 for recommended commercially-available connectors.
DP-00□-J
Commercially-available
parts can be used!



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com