Electronic Components Datasheet Search
  English  ▼

X  

DP-002 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DP-002
Description  Digital Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-002 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DP-002 Datasheet HTML 1Page - Panasonic Semiconductor DP-002 Datasheet HTML 2Page - Panasonic Semiconductor DP-002 Datasheet HTML 3Page - Panasonic Semiconductor DP-002 Datasheet HTML 4Page - Panasonic Semiconductor DP-002 Datasheet HTML 5Page - Panasonic Semiconductor DP-002 Datasheet HTML 6Page - Panasonic Semiconductor DP-002 Datasheet HTML 7Page - Panasonic Semiconductor DP-002 Datasheet HTML 8Page - Panasonic Semiconductor DP-002 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
703
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
Digital
Main menu for detailed configuration
DP-0 SERIES
■General terms and conditions.............F-3 ■Selection guide.............................P.699~
■General precautions.....................P.1566
■Glossary of terms........................P.1563~
Digital Pressure Sensor For Gas
Simple & easy operation
Functional design
panasonic.net/id/pidsx/global
• Threshold value setting
• Zero point adjustment
• Key lock setting / release
Pressure unit
setting mode
Operation
setting mode
NO/NC
setting mode
Response time
setting mode
Display color
setting mode
Settings
initializing mode
RUN mode
Detailed configuration
Crisp
clicking feel
Two levels of configuration for easy operation of essential functions
The “RUN mode” is for setting the threshold value, the zero point adjustment and key lock/release setting, and the
“detailed configuration” allows the basic settings of sensor operation. The two-level configuration enables an easy
and immediate use of the product.
Black body for enhanced visibility of LCD display
The unit body is completely black to make the LCD
display easier to see.
Firm and crisp clicking feel
The buttons offer firm and crisp clicking feel for smooth
and reliable setting operations.
Operation setting mode*
Select from EASY mode,
hysteresis mode or window
comparator mode.
* Refer to p.705 for details of operation setting mode.
NO/NC setting mode
Set the comparative output
operation to NO or NC.
Response time setting mode
Select the response time from
2.5 ms, 25 ms or 250 ms.
Display color setting mode
Select the comparative output ON/
OFF display color and the normal
display color from red or white.
Simple and easy operation
Redesigned for improvement of pressure sensor usability from ground up


Similar Part No. - DP-002

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DP-002 ADAM-TECH-DP-002 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
More results

Similar Description - DP-002

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
Digital Pressure Sensor
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
Digital Pressure Sensor
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
Digital pressure sensor
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
Digital pressure sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com