Electronic Components Datasheet Search
  English  ▼

X  

DP-002 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # DP-002
Description  Digital Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-002 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button DP-002 Datasheet HTML 2Page - Panasonic Semiconductor DP-002 Datasheet HTML 3Page - Panasonic Semiconductor DP-002 Datasheet HTML 4Page - Panasonic Semiconductor DP-002 Datasheet HTML 5Page - Panasonic Semiconductor DP-002 Datasheet HTML 6Page - Panasonic Semiconductor DP-002 Datasheet HTML 7Page - Panasonic Semiconductor DP-002 Datasheet HTML 8Page - Panasonic Semiconductor DP-002 Datasheet HTML 9Page - Panasonic Semiconductor DP-002 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Digital Pressure Sensor
DP-0 SERIES
710
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
DP‑00□
Sensor
Connector
ø8.35
ø0.329
1.3 0.051
4.9 0.193
2-M3 female thread, 4 0.157 deep
2-ø2.5 0.098, 5 0.197 deep
M5 female thread, 4 0.157 deep
Display
Setting value DOWN key
Setting value UP key
Mode selection key
30 1.181
20 0.787
20 0.787
24.9 0.980
30
1.181
20
0.787
MS-DP1-1
Sensor mounting bracket (Optional)
Assembly dimensions
t 2
t 0.079
20
0.787
5.5
0.217
44
1.732
R13
R0.512
13
0.512
20
0.787
30
1.181
20
0.787
4.2
0.165
9.5
0.374
14.5
0.571
ø2.3
ø0.091
2-R2.1 R0.083
1
0.039
2-ø3.5 ø0.138
21
0.827
Material: Cold rolled carbon steel (SPCC)
(Trivalent uni-chrome plated)
Two M3 (length 6 mm 0.236 in) screws with washers are attached.
5.3
0.209
( )
ø8.35 ø0.329
4.2
0.165
2-R2.1 R0.083
t 2
t 0.079
1.3
0.051
4.9 0.193
9.5
0.374
22
0.866
20
0.787
30
1.181
30
1.181
45
1.772
14.5
0.571
15
0.591
( )
45
1.772
30 1.181
24.9
0.980
MS-DP1-5
Sensor mounting bracket (Optional)
Assembly dimensions
4.5
0.177
t 1.5
t 0.059
8.5 0.335
ø4.5
ø0.177
2-ø3.5 ø0.138
Material: Stainless steel (SUS304)
Two M3 (length 6 mm 0.236 in) screws with
washers are attached.
22.75
0.896
29.5
1.161
28
1.102
20
0.787
30
1.181
44.5
1.752
20
0.787
20
0.787
13.5
0.531
ø8.35 ø0.329
4.9
0.193
4.5
0.177
ø4.5
ø0.177
1.3
0.051
R6.75
R0.266
t 1.5
t 0.059
16
0.630
( )
49.5
1.949
20
0.787 28.5
1.122
49.5
1.949
20
0.787
29.5
1.161
24.9
0.980
26.5
1.043
48
1.890
30
1.181



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com