Electronic Components Datasheet Search
  English  ▼

X  

EC-3448 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC-3448
Description  3MScotch-WeldTM Structural Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3448 Datasheet(HTML) 4 Page - 3M Electronics

  EC-3448 Datasheet HTML 1Page - 3M Electronics EC-3448 Datasheet HTML 2Page - 3M Electronics EC-3448 Datasheet HTML 3Page - 3M Electronics EC-3448 Datasheet HTML 4Page - 3M Electronics EC-3448 Datasheet HTML 5Page - 3M Electronics EC-3448 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Scotch-WeldTM
Structural Adhesive
EC-3448
- 4 -
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Test Results to the Requirements of MMM-A-132A, Type 1, Class 2, Form P, Group 3
Product Performance
(continued)
Min. Average
Property
Test Conditions
Requirements
Average Values
Tensile shear
@ 75°F
3500 psi
5545 psi
Tensile shear
10 min. @ 180°F
2000 psi
5082 psi
Tensile shear
10 min. @ -67°F
3500 psi
5697 psi
Tensile shear
75°F after 30 days @
120°F and 100% R.H.
3500 psi
4238 psi
Tensile shear
75°F after 7 days in:
a,
Hydraulic oil @ RT
3250 psi
5591 psi
b,
JP-4 @ RT
3250 psi
5647 psi
T-Peel
@ 75°F
20 piw
35 piw
Blister Detection
@ 75°F
3250 psi
3683 psi
Fatigue
750 psi, 106 cycles
No failures
No failures
Creep rupture
75°F @ 1600 psi
0.015 inches max.
0.000 inch
Creep rupture
180°F @ 800 psi
0.015 inches max.
0.000 inch
Procedures: According to MMM-A-132A
Surface Preparation: Optimized FPL etch
Cure Cycle: 260°F for 60 minutes, 10°F rise rate/minute, 10 psi
Note: While this information is provided as a general application guideline based upon
typical conditions, it is recognized that no two applications are identical due to
differing assemblies, methods of heat and pressure application, production equipment
and other limitations. It is therefore suggested that experiments be run, within the
actual constraints imposed, to determine optimum conditions for your specific
application and to determine suitability of product for particular intended use.
Surface Preparation
A thoroughly cleaned, dry grease-free surface is essential for maximum performance.
Cleaning methods which will produce a break free water film on metal surfaces are
generally satisfactory.
A. Aluminum: Optimized FPL Etch – 3M Company (AdhD method C-2803) or
ASTM D2651 Method G.
1. Vapor degrease – perchloroethylene condensing vapors for 5-10 minutes.
2. Alkaline degrease – Oakite 164 solution 9-11 oz./gallon of water at 190° ± 10°F
for 10 to 20 minutes. Rinse immediately in large quantities of cold running
water (AdhD method C-2802).
3. Acid Etch – Immerse panels in the following solution for 10 minutes at 150 ± 5°F:
Sodium dichromate (Na2Cr2O7•2H2O)
4.1-4.9 oz./gallon
Sulfuric Acid 66° Be
38.5-41.5 oz./gallon
2024T-3 aluminum (dissolved)
0.2 oz./gal. minimum
Tap Water
Balance
4. Rinse immediately in large quantities of clear running tap water.
Product Application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com