Electronic Components Datasheet Search
  English  ▼

X  

EC-3448 Datasheet(PDF) 3 Page - 3M Electronics

Part # EC-3448
Description  3MScotch-WeldTM Structural Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3448 Datasheet(HTML) 3 Page - 3M Electronics

  EC-3448 Datasheet HTML 1Page - 3M Electronics EC-3448 Datasheet HTML 2Page - 3M Electronics EC-3448 Datasheet HTML 3Page - 3M Electronics EC-3448 Datasheet HTML 4Page - 3M Electronics EC-3448 Datasheet HTML 5Page - 3M Electronics EC-3448 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Scotch-WeldTM
Structural Adhesive
EC-3448
- 3 -
Hot/Wet Strength – Aluminum to Aluminum Bonds
Hot/Wet Exposure: One inch wide overlap shear specimens were placed in a 100% R.H.
cabinet for 14 days at 180°F.
Overlap Shear Strength After Hot/Wet Exposure
Test
Unprimed
EC-3924B Primed
Temperature
Control
Exposed
Control
Exposed
180°F
4480 psi
1495 psi
4840 psi
2575 psi
Substrates: 2024T-3 alclad aluminum, 0.063 inches thick.
Surface Preparation: Optimize FPL etch.
Primer: 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3924B.
Primer Application: One brush coat.
Primer Dry: 30 minutes minimum air dry, plus 60 minutes at 260°F.
Cure Cycle: 260°F for 60 minutes, 10 psi pressure, 10°F rise rate/minute.
Test: Tested immediately upon removal from R.H. cabinet at 180°F according to MMM-A-132.
Product Performance
(continued)
Glass Transition Temperature, Tg.
Procedure: Cured pieces of 3M™ Scotch-Weld™ Structural Adhesive EC-3448,
3.2 mm x 10 mm x 60 mm were conditioned for 147 days at 100% R.H. and 120°F.
After conditioning, the specimens were submitted for DMA determination of Tg.
Tg Before
Tg After
Cure
Conditioning
Conditioning
250°F for 90 minutes
250°F
190°F
290°F for 60 minutes
255°F
187°F
Pre bond Shop Out – Time Relative Humidity Exposure
5 Hours
24 Hours
Test
Control
@ 60% R.H.
@ 60% R.H.
Overlap Shear
@ 75°F
6200 psi
6110 psi
5970 psi
@ 180°F
5380 psi
4800 psi
4340 psi
@ 250°F
3640 psi
1600 psi
1140 psi
T-Peel @ 75°F
39 piw
41 piw
44 piw
Adherends: 2024T-3 alclad aluminum (.020" thick for T-Peel).
Surface Preparation: Optimized FPL etch.
Layup: Adhesive was spread on one adherend and exposed to 60% relative humidity at 79°F for time specified before
assembly.
Cure Cycle: 260°F for 60 minutes, 5 psi, 10°F rise rate/minute.
Test Speed: Overlap shear at 0.1"/minute; T-Peel at 3"/minute.
Test Procedure: According to MMM-A-132.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com