Electronic Components Datasheet Search
  English  ▼

X  

EC-3448 Datasheet(PDF) 1 Page - 3M Electronics

Part # EC-3448
Description  3MScotch-WeldTM Structural Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3448 Datasheet(HTML) 1 Page - 3M Electronics

  EC-3448 Datasheet HTML 1Page - 3M Electronics EC-3448 Datasheet HTML 2Page - 3M Electronics EC-3448 Datasheet HTML 3Page - 3M Electronics EC-3448 Datasheet HTML 4Page - 3M Electronics EC-3448 Datasheet HTML 5Page - 3M Electronics EC-3448 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Structural Adhesive
EC-3448
Introduction
3M™ Scotch-Weld™ Structural Adhesive EC-3448 is a structural paste designed
for improved hot-wet conditions after cure. Structurally bonds metal to metal and
precured fiber reinforced epoxy composite laminates. It is a one-component epoxy
adhesive that cures at a temperature of 250°F for 60 minutes.
Advantages
• Designed to bond precured graphite epoxy composites
• Excellent performance from -67°F (55°C) to 225°F (107°C)
• Unusually high 180°F hot/wet durability
• Thixotropic for non-sag properties during cure
Technical Data
October, 2004
Description
Color
Light Tan
Base
Modified Epoxy Resin
Solids
100%
Viscosity at 77°F
Approximately 5000 poise
(Brookfield HBF #6 at 10 RPM)
Weight
Approximately 9.5 lbs/gallon
Storage
0°F or lower storage is required


Similar Part No. - EC-3448

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3439 3M-EC-3439 Datasheet
20Kb / 4P
3M Scotch-WeldTM Void Filling Compound
More results

Similar Description - EC-3448

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-1945 3M-EC-1945 Datasheet
18Kb / 4P
Scotch-WeldTM Structural Adhesive Primer
Aug-2002
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
Aug-2001
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
Sep-2002
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com