Electronic Components Datasheet Search
  English  ▼

X  

EC-3448 Datasheet(PDF) 2 Page - 3M Electronics

Part # EC-3448
Description  3MScotch-WeldTM Structural Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3448 Datasheet(HTML) 2 Page - 3M Electronics

  EC-3448 Datasheet HTML 1Page - 3M Electronics EC-3448 Datasheet HTML 2Page - 3M Electronics EC-3448 Datasheet HTML 3Page - 3M Electronics EC-3448 Datasheet HTML 4Page - 3M Electronics EC-3448 Datasheet HTML 5Page - 3M Electronics EC-3448 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Scotch-WeldTM
Structural Adhesive
EC-3448
- 2 -
Overlap Shear – Aluminum to Aluminum
All properties were measured on 1" wide 1/2" overlap specimens cut from .063" thick
4" x 7" bonded panels of 2024T-3 clad aluminum. Tests conducted according to
MMM-A-132 methods.
Product Performance
Test Temperature
Overlap Shear Strength
-67°F
5500 psi
75°F
6000 psi
180°F
4700 psi
250°F
2000 psi
T-Peel – Aluminum to Aluminum
T-Peel specimens were prepared from .020" thick x 8" x 8" bonded panels of 2024T-3
clad aluminum from which 1" wide strips were cut for testing. Tests conducted
according to MMM-A-132.
Test Temperature
T-Peel Strength
75°F
30 lb./inch
Floating Roller Peel – Aluminum to Aluminum
Roller Peel specimens were prepared from .025" thick and .063" thick panels of 2024T-3
bare aluminum from which 1/2" wide strips were cut for testing. Tests conducted
according to ASTM D-3167.
Test Temperature
Roller Peel Strength
-67°F
63 lb./inch
75°F
63 lb./inch
200°F
64 lb./inch
Hot/Wet Strength – Graphite to Graphite Laminate Bonds
Hot/Wet Exposure: 1 inch wide bonded specimens were placed in a humidity cabinet at
160°F for the time and humidity specified below. Water boil specimens were immersed
in boiling water.
Overlap Shear Strength After Hot/Wet Exposure
Test
100% R.H.
90% R.H.
48 Hours
Temperature
Control
for 18 Weeks
for 9 weeks
Water Boil
-67°F
2980 psi
3270 psi
2840 psi
75°F
4550 psi
3685 psi
4110 psi
160°F
4130 psi
2050 psi
2680 psi
180°F
3360 psi
1140 psi
1120 psi
2010 psi
weight gain
of specimens
2.06%
1.18%
Substrates: Woven graphite epoxy laminate, .062 inch thick.
Surface Preparation: Nylon peel ply was removed from surface followed by light sanding with 180 grit sandpaper and
rinsed with methyl ethyl ketone.*
*Note: When using solvents, extinguish all ignition sources and follow the manufacturer’s precautions and directions for use.
Layup: 0.5 inch overlap shear with a thin nylon knit scrim in the bondline as a spacer.
Cure: 250°F for 90 minutes, 10 psi pressure, 10°F rise rate/minute.
Test: Specimens were tested immediately upon removal from the humidity cabinet at 0.05 inches/minute.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com