Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 2Page - Texas Instruments INA2290 Datasheet HTML 3Page - Texas Instruments INA2290 Datasheet HTML 4Page - Texas Instruments INA2290 Datasheet HTML 5Page - Texas Instruments INA2290 Datasheet HTML 6Page - Texas Instruments INA2290 Datasheet HTML 7Page - Texas Instruments INA2290 Datasheet HTML 8Page - Texas Instruments INA2290 Datasheet HTML 9Page - Texas Instruments INA2290 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Supply voltage
TA = –40 °C to +125 °C
2.7
20
V
IQ
Quiescent current, INA290
370
500
µA
TA = –40 °C to +125 °C
600
IQ
Quiescent current, INA2290
680
900
µA
TA = –40 °C to +125 °C
1200
6.6 Typical Characteristics
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, and VCM = VIN– = 48 V, unless
otherwise noted.
Input Offset Voltage (PV)
Figure 6-1. Input Offset Production Distribution, A1
Devices
Input Offset Voltage (PV)
Figure 6-2. Input Offset Production Distribution, A2
Devices
Input Offset Voltage (PV)
Figure 6-3. Input Offset Production Distribution, A3
Devices
Input Offset Voltage (PV)
Figure 6-4. Input Offset Production Distribution, A4
Devices
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com