Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 7Page - Texas Instruments INA2290 Datasheet HTML 8Page - Texas Instruments INA2290 Datasheet HTML 9Page - Texas Instruments INA2290 Datasheet HTML 10Page - Texas Instruments INA2290 Datasheet HTML 11Page - Texas Instruments INA2290 Datasheet HTML 12Page - Texas Instruments INA2290 Datasheet HTML 13Page - Texas Instruments INA2290 Datasheet HTML 14Page - Texas Instruments INA2290 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
300
325
350
375
400
425
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-29. Quiescent Current vs Temperature,
INA290
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
500
550
600
650
700
750
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-30. Quiescent Current vs Temperature,
INA2290
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
300
325
350
375
400
425
25qC
125qC
-40qC
Figure 6-31. Quiescent Current vs Supply Voltage,
INA290
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
550
600
650
700
750
800
25°C
125°C
-40°C
Figure 6-32. Quiescent Current vs Supply Voltage,
INA2290
Common-Mode Voltage (V)
-20
0
20
40
60
80
100
120
300
325
350
375
400
425
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-33. Quiescent Current vs Common-Mode
Voltage, INA290
Figure 6-34. Quiescent Current vs Common-Mode
Voltage, INA2290
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com