Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 3Page - Texas Instruments INA2290 Datasheet HTML 4Page - Texas Instruments INA2290 Datasheet HTML 5Page - Texas Instruments INA2290 Datasheet HTML 6Page - Texas Instruments INA2290 Datasheet HTML 7Page - Texas Instruments INA2290 Datasheet HTML 8Page - Texas Instruments INA2290 Datasheet HTML 9Page - Texas Instruments INA2290 Datasheet HTML 10Page - Texas Instruments INA2290 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Input Offset Voltage (PV)
Figure 6-5. Input Offset Production Distribution, A5
Devices
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-8
-4
0
4
8
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 6-6. Input Offset Voltage vs Temperature
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-20
-10
0
10
20
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 6-7. Common-Mode Rejection Ratio vs
Temperature
Frequency (Hz)
20
40
60
80
100
120
140
160
180
10
100
1k
10k
100k
1M
Figure 6-8. Common-Mode Rejection Ratio vs
Frequency
Frequency (Hz)
-10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
G = 20
G = 50
G = 100
G = 200
G = 500
VSENSE = 4 V / Gain
Figure 6-9. Gain vs Frequency
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-0.10
-0.05
0.00
0.05
0.10
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 6-10. Gain Error vs Temperature
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com