Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 18Page - Texas Instruments INA2290 Datasheet HTML 19Page - Texas Instruments INA2290 Datasheet HTML 20Page - Texas Instruments INA2290 Datasheet HTML 21Page - Texas Instruments INA2290 Datasheet HTML 22Page - Texas Instruments INA2290 Datasheet HTML 23Page - Texas Instruments INA2290 Datasheet HTML 24Page - Texas Instruments INA2290 Datasheet HTML 25Page - Texas Instruments INA2290 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
1
2
3
8
6
OUT2
IN±1
OUT1
Current Sense Output 1
GND
IN-2
RSHUNT1
Load 1
VIA to Ground
Plane
Power Supply, VS:
2.7 V to 20 V
CBYPASS
4
5
IN+1
VS
7
IN+2
Current Sense Output 2
Direction of
Current Flow
Bus Voltage1
RSHUNT2
Direction of
Current Flow
Bus Voltage2
Load 2
Figure 10-2. Recommended Layout for INA2290
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com