Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVR
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA392DBVR Datasheet HTML 1Page - Texas Instruments OPA392DBVR Datasheet HTML 2Page - Texas Instruments OPA392DBVR Datasheet HTML 3Page - Texas Instruments OPA392DBVR Datasheet HTML 4Page - Texas Instruments OPA392DBVR Datasheet HTML 5Page - Texas Instruments OPA392DBVR Datasheet HTML 6Page - Texas Instruments OPA392DBVR Datasheet HTML 7Page - Texas Instruments OPA392DBVR Datasheet HTML 8Page - Texas Instruments OPA392DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
5 Pin Configuration and Functions
1
+IN
2
V±
3
±IN
4
OUT
5
V+
Not to scale
Figure 5-1. DCK Package, 5-Pin SOT, Top View
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 5-2. DBV Package, 5-Pin SOT-23, Top View
1
2
A
B
C
Not to scale
+IN
V–
–IN
EN
OUT
V+
Figure 5-3. YCJ Package, 6-Pin DSBGA, Top View
Table 5-1. Pin Functions: OPA392
PIN
I/O
DESCRIPTION
NAME
NO.
DBV (SOT-23)
DCK (SC-70)
YCJ (DSBGA)
–IN
4
3
B1
I
Inverting input
+IN
3
1
A1
I
Noninverting input
EN
—
—
B2
I
Enable pin. High = amplifier enabled.
OUT
1
4
C1
O
Output
V–
2
2
A2
—
Negative (lowest) power supply
V+
5
5
C2
—
Positive (highest) power supply
www.ti.com
OPA392
SBOS926 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com