Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVR
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA392DBVR Datasheet HTML 5Page - Texas Instruments OPA392DBVR Datasheet HTML 6Page - Texas Instruments OPA392DBVR Datasheet HTML 7Page - Texas Instruments OPA392DBVR Datasheet HTML 8Page - Texas Instruments OPA392DBVR Datasheet HTML 9Page - Texas Instruments OPA392DBVR Datasheet HTML 10Page - Texas Instruments OPA392DBVR Datasheet HTML 11Page - Texas Instruments OPA392DBVR Datasheet HTML 12Page - Texas Instruments OPA392DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = 5.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Input Offset Voltage (PV)
0
3
6
9
12
15
18
21
24
27
30
-5
-4
-3
-2
-1
0
1
2
3
4
5
opa3
VS = 5.0 V
Figure 6-1. Offset Voltage Distribution
Input Offset Voltage (PV)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0
3
6
9
12
15
C003
VS = 5.0 V, VCM = 4.8 V
Figure 6-2. Offset Voltage Distribution
Frequency (Hz)
10x100
100x100
1x103
10x103
100x103
1x106
1
2
3
5
7
10
20
30
50
70
100
OPA3
Figure 6-3. Voltage Noise vs Frequency
Quiescent Current (mA)
1
1.04 1.08 1.12 1.16
1.2
1.24 1.28 1.32 1.36
1.4
0
5
10
15
20
25
30
C004
Figure 6-4. Quiescent Current Distribution
Quiescent Current (mA)
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
0
5
10
15
20
25
30
C002
VS = 1.7 V
Figure 6-5. Quiescent Current Distribution
www.ti.com
OPA392
SBOS926 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com