Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVR
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA392DBVR Datasheet HTML 4Page - Texas Instruments OPA392DBVR Datasheet HTML 5Page - Texas Instruments OPA392DBVR Datasheet HTML 6Page - Texas Instruments OPA392DBVR Datasheet HTML 7Page - Texas Instruments OPA392DBVR Datasheet HTML 8Page - Texas Instruments OPA392DBVR Datasheet HTML 9Page - Texas Instruments OPA392DBVR Datasheet HTML 10Page - Texas Instruments OPA392DBVR Datasheet HTML 11Page - Texas Instruments OPA392DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
6.5 Electrical Characteristics: VS = ±0.85 V to ±2.75 V (VS = 1.7 V to 5.5 V) (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VO = VS / 2, and VS = ±0.85 V to ±2.75 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth
product
AV = 1000 V/V
13
MHz
SR
Slew rate
4-V step, gain = +1
4.8
V/μs
Phase margin
CL = 100 pF
45
°
tS
Settling time
To 0.1%, 2-V step , gain = +1
0.75
μs
To 0.01%, 2-V step , gain = +1
1
Overload recovery time VIN × gain > VS
0.35
μs
THD+N
Total harmonic
distortion + noise
VO = 1 VRMS, gain = +1, f = 1 kHz, RL = 10 kΩ,
VCM = (V–) + 1.5 V
–109
dB
0.00035
%
OUTPUT
Voltage output swing
from both rails
VS = 1.7 V
RL = 10 kΩ
15
mV
RL = 2 kΩ
25
VS = 5.5 V
RL = 10 kΩ
20
RL = 2 kΩ
30
ISC
Short-circuit current
Sinking, VS = 5.5 V
–65
mA
Sourcing, VS = 5.5 V
65
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
1.22
1.4
mA
IO = 0 mA, TA = –40°C to +125°C
1.5
OPA392
SBOS926 – JANUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com