Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVR
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA392DBVR Datasheet HTML 1Page - Texas Instruments OPA392DBVR Datasheet HTML 2Page - Texas Instruments OPA392DBVR Datasheet HTML 3Page - Texas Instruments OPA392DBVR Datasheet HTML 4Page - Texas Instruments OPA392DBVR Datasheet HTML 5Page - Texas Instruments OPA392DBVR Datasheet HTML 6Page - Texas Instruments OPA392DBVR Datasheet HTML 7Page - Texas Instruments OPA392DBVR Datasheet HTML 8Page - Texas Instruments OPA392DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current,
Rail-to-Rail I/O, e-trim™ Operational Amplifiers
1 Features
• Low offset voltage: ±10 µV (maximum)
• Low-drift: ±0.1 µV/°C
• Low input bias current: 10 fA
• Low noise: 4.0 nV√Hz at 10 kHz
• Low 1/f noise: 1.7 µVPP (0.1 Hz to 10 Hz)
• Low supply voltage operation: 1.7 V to 5.5 V
• Low quiescent current: 1.2 mA
• Fast settling: 0.75 µs (1 V to 0.1%)
• Fast slew rate: 4.8 V/µs
• High output current: ±65 mA short circuit
• Gain bandwidth: 13 MHz
• Rail-to-rail input and output
• Specified temperature range: –40°C to +125°C
• EMI/RFI filtered inputs
2 Applications
• Multiparameter patient monitor
• Electrocardiogram (ECG)
• Chemistry/gas analyzer
• Optical module
• Analog input module
• Process analytics (pH, gas, concentration, force
and humidity)
• Gas detector
• Analog security camera
• Merchant DC/DC
• Pulse oximeter
• Inter-DC interconnect (long-haul, submarine)
• Data acquisition (DAQ)
3 Description
The OPAx392 family of operational amplifiers
(OPA392, OPA2392, and OPA4392) features ultra-low
offset, offset drift, and input bias current with rail-to-rail
input and output operation. In addition to precision dc
accuracy, the ac performance is optimized for low
noise and fast-settling transient response, making the
OPAx392 an excellent choice for driving high-
precision analog-to-digital converters (ADCs) or
buffering the output of high-resolution, digital-to-
analog converters (DACs).
The OPAx392 feature TI's e-trim™ operational
amplifier technology to achieve ultra-low offset voltage
and offset voltage drift without any input chopping or
auto-zero techniques. This technique enables ultra-
low input bias current for sensor inputs or photodiode
current-to-voltage
measurements,
creating
high-
performance transimpedance stages for optical
modules or medical instrumentation.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
OPA392
DSBGA (6)(3)
1.00 mm x 0.8 mm
SC-70 (5) (3)
2.00 mm x 1.25 mm
SOT-23 (5)
2.90 mm x 1.60 mm
OPA2392(2)
DSBGA (9)(3)
1.20 mm x 1.20 mm
VSSOP (8)(3)
3.00 mm x 3.00 mm
SOIC (8)(3)
4.90 mm x 3.90 mm
OPA4392(2)
TSSOP (14)(3)
5.00 mm x 4.40 mm
QFN (16)(3)
3.00 mm x 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
Device is preview.
(3)
Package is preview.
+
±
OPA392
+3.3 V
VIN
+
±
OPA392
Optical Power
Monitor
Precision Current
Shunt Monitor
+
±
OPA392
Precision Current
Source
+3.3 V
ADC
DAC
ADC
OPAx392 Applications in Optical Modules
Input Offset Voltage (PV)
0
3
6
9
12
15
18
21
24
27
30
-5
-4
-3
-2
-1
0
1
2
3
4
5
opa3
OPAx392 Input Offset Voltage Distribution
www.ti.com
OPA392
SBOS926 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA392
OPA392
SBOS926 – JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - OPA392DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA392DBVR TI-OPA392DBVR Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392DBVR TI-OPA392DBVR Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392DBVR TI-OPA392DBVR Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392DBVR TI-OPA392DBVR Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
OPA392DBVR TI1-OPA392DBVR Datasheet
2Mb / 36P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
DECEMBER 2023
More results

Similar Description - OPA392DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA392 TI-OPA392_V01 Datasheet
1Mb / 30P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA397 TI-OPA397 Datasheet
1Mb / 30P
OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
OPA392 TI-OPA392_V02 Datasheet
2Mb / 32P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED JULY 2022
OPA392 TI-OPA392_V03 Datasheet
1Mb / 35P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
OPA392 TI-OPA392_V04 Datasheet
2Mb / 41P
OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com