Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 49Page - Texas Instruments TMS320F28062F Datasheet HTML 50Page - Texas Instruments TMS320F28062F Datasheet HTML 51Page - Texas Instruments TMS320F28062F Datasheet HTML 52Page - Texas Instruments TMS320F28062F Datasheet HTML 53Page - Texas Instruments TMS320F28062F Datasheet HTML 54Page - Texas Instruments TMS320F28062F Datasheet HTML 55Page - Texas Instruments TMS320F28062F Datasheet HTML 56Page - Texas Instruments TMS320F28062F Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 181 page
background image
M0 Vector RAM (Enabled if VMAP = 0)
M0 SARAM (1K
16, 0-Wait)
´
0x00 0000
0x00 0040
M1 SARAM (1K
16, 0-Wait)
´
0x00 0400
Data Space
Prog Space
0x00 2000
Reserved
Peripheral Frame 0
0x00 0800
0x00 1580
0x00 0D00
PIE Vector - RAM
(256
16)
(Enabled if
VMAP = 1,
ENPIE = 1)
´
0x00 1400
0x00 0E00
0x00 1500
0x00 1480
CPU-to-CLA Message RAM
CLA-to-CPU Message RAM
CLA Registers
Peripheral Frame 0
Peripheral Frame 3
(4K
16, Protected)
DMA-Accessible
´
0x00 5000
0x00 4000
Peripheral Frame 2
(4K
16, Protected)
´
0x00 7000
0x00 8000
L0 DPSARAM (2K
16)
(0-Wait, Secure Zone + ECSL, CLA Data RAM2)
´
0x00 8800
L1 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL, CLA Data RAM 0)
´
0x00 8C00
L2 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL, CLA Data RAM 1)
´
0x00 9000
L3 DPSARAM (4K
16)
(0-Wait, Secure Zone + ECSL, CLA Program RAM)
´
0x00 A000
L4 SARAM (8K
16)
(0-Wait, Secure Zone + ECSL)
´
0x00 C000
L5 DPSARAM (8K
16)
(0-Wait, DMA RAM 0)
´
L8 DPSARAM (8K
16)
(0-Wait, DMA RAM 3)
´
L7 DPSARAM (8K
16)
(0-Wait, DMA RAM 2)
´
L6 DPSARAM (8K
16)
(0-Wait, DMA RAM 1)
´
0x00 E000
0x01 0000
0x01 2000
Peripheral Frame 1
(4K
16, Protected)
´
USB Control Registers
(A)
0x00 6000
0x3D 7800
User OTP (1K
16, Secure Zone + ECSL)
´
0x3D 7C80
Calibration Data
0x01 4000
Reserved
0x3D 7BFA
Reserved
FLASH
(128K
16, 8 Sectors, Secure Zone + ECSL)
´
FAST, SpinTAC, and IQmath Libraries
(16K
16, 0-Wait State)
(B)(C)
´
128-Bit Password
0x3D 8000
0x3F 7FF8
0x3F 8000
0x3F F3B0
Boot ROM (16K
16, 0-Wait State)
´
CPU Vector Table (32 Vectors, Enabled if VMAP = 1)
0x3F FFC0
0x3D 7CC0
Get_mode function
0x3D 7CD0
0x3D 7E82
0x3D 7E80
PARTID
Reserved
0x3D 7EB0
Reserved
Reserved
Reserved
Reserved
Calibration Data
53
TMS320F28069, TMS320F28069F, TMS320F28069M, TMS320F28068F, TMS320F28068M
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064
TMS320F28063, TMS320F28062, TMS320F28062F
www.ti.com
SPRS698H – NOVEMBER 2010 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28069F TMS320F28069M TMS320F28068F TMS320F28068M
TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062
TMS320F28062F
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
A.
On non-USB devices, 0x00 4000–0x00 4FFF is Reserved.
B.
FAST™ and SpinTAC™ libraries exist only on F2806xM and F2806xF devices.
C.
The ROM contents from 0x3F 8000–0x3F F3AF differ between F2806x parts and F2806xM/F2806xF parts. See the
respective memory map figures in the Boot ROM chapter of the TMS320x2806x Technical Reference Manual.
Figure 6-1. 28069, 28069F, 28069M Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com