Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 69Page - Texas Instruments TMS320F28062F Datasheet HTML 70Page - Texas Instruments TMS320F28062F Datasheet HTML 71Page - Texas Instruments TMS320F28062F Datasheet HTML 72Page - Texas Instruments TMS320F28062F Datasheet HTML 73Page - Texas Instruments TMS320F28062F Datasheet HTML 74Page - Texas Instruments TMS320F28062F Datasheet HTML 75Page - Texas Instruments TMS320F28062F Datasheet HTML 76Page - Texas Instruments TMS320F28062F Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 181 page
background image
External Clock Signal
(Toggling 0−VDDIO)
XCLKIN/GPIO19/38
X2
NC
X1
73
TMS320F28069, TMS320F28069F, TMS320F28069M, TMS320F28068F, TMS320F28068M
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064
TMS320F28063, TMS320F28062, TMS320F28062F
www.ti.com
SPRS698H – NOVEMBER 2010 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28069F TMS320F28069M TMS320F28068F TMS320F28068M
TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062
TMS320F28062F
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
(1)
The PLL control register (PLLCR) and PLL Status Register (PLLSTS) are reset to their default state by the XRS signal or a watchdog
reset only. A reset issued by the debugger or the missing clock detect logic has no effect.
(2)
This register is EALLOW protected. See the Systems Control and Interrupts chapter of the TMS320x2806x Technical Reference Manual
for more information.
(3)
By default, PLLSTS[DIVSEL] is configured for /4. (The boot ROM changes this to /1.) PLLSTS[DIVSEL] must be 0 before writing to the
PLLCR and should be changed only after PLLSTS[PLLLOCKS] = 1.
Figure 6-13. Using a 3.3-V External Oscillator
6.6.3
PLL-Based Clock Module
The devices have an on-chip, PLL-based clock module. This module provides all the necessary clocking
signals for the device, as well as control for low-power mode entry. The PLL has a 5-bit ratio control
PLLCR[DIV] to select different CPU clock rates. The watchdog module should be disabled before writing
to the PLLCR register. The watchdog module can be re-enabled (if need be) after the PLL module has
stabilized, which takes 1 ms. The input clock and PLLCR[DIV] bits should be chosen in such a way that
the output frequency of the PLL (VCOCLK) is at least 50 MHz.
Table 6-13. PLL Settings
PLLCR[DIV] VALUE(1) (2)
SYSCLKOUT (CLKIN)
PLLSTS[DIVSEL] = 0 or 1(3)
PLLSTS[DIVSEL] = 2
PLLSTS[DIVSEL] = 3
00000 (PLL bypass)
OSCCLK/4 (Default)(1)
OSCCLK/2
OSCCLK
00001
(OSCCLK * 1)/4
(OSCCLK * 1)/2
(OSCCLK * 1)/1
00010
(OSCCLK * 2)/4
(OSCCLK * 2)/2
(OSCCLK * 2)/1
00011
(OSCCLK * 3)/4
(OSCCLK * 3)/2
(OSCCLK * 3)/1
00100
(OSCCLK * 4)/4
(OSCCLK * 4)/2
(OSCCLK * 4)/1
00101
(OSCCLK * 5)/4
(OSCCLK * 5)/2
(OSCCLK * 5)/1
00110
(OSCCLK * 6)/4
(OSCCLK * 6)/2
(OSCCLK * 6)/1
00111
(OSCCLK * 7)/4
(OSCCLK * 7)/2
(OSCCLK * 7)/1
01000
(OSCCLK * 8)/4
(OSCCLK * 8)/2
(OSCCLK * 8)/1
01001
(OSCCLK * 9)/4
(OSCCLK * 9)/2
(OSCCLK * 9)/1
01010
(OSCCLK * 10)/4
(OSCCLK * 10)/2
(OSCCLK * 10)/1
01011
(OSCCLK * 11)/4
(OSCCLK * 11)/2
(OSCCLK * 11)/1
01100
(OSCCLK * 12)/4
(OSCCLK * 12)/2
(OSCCLK * 12)/1
01101
(OSCCLK * 13)/4
(OSCCLK * 13)/2
(OSCCLK * 13)/1
01110
(OSCCLK * 14)/4
(OSCCLK * 14)/2
(OSCCLK * 14)/1
01111
(OSCCLK * 15)/4
(OSCCLK * 15)/2
(OSCCLK * 15)/1
10000
(OSCCLK * 16)/4
(OSCCLK * 16)/2
(OSCCLK * 16)/1
10001
(OSCCLK * 17)/4
(OSCCLK * 17)/2
(OSCCLK * 17)/1
10010
(OSCCLK * 18)/4
(OSCCLK * 18)/2
(OSCCLK * 18)/1
Table 6-14. CLKIN Divide Options
PLLSTS [DIVSEL]
CLKIN DIVIDE
0
/4
1
/4
2
/2
3
/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com