Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 94Page - Texas Instruments TMS320F28062F Datasheet HTML 95Page - Texas Instruments TMS320F28062F Datasheet HTML 96Page - Texas Instruments TMS320F28062F Datasheet HTML 97Page - Texas Instruments TMS320F28062F Datasheet HTML 98Page - Texas Instruments TMS320F28062F Datasheet HTML 99Page - Texas Instruments TMS320F28062F Datasheet HTML 100Page - Texas Instruments TMS320F28062F Datasheet HTML 101Page - Texas Instruments TMS320F28062F Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 181 page
background image
To COMPy A or B input
To ADC Channel X
1
0
AIOx Pin
AIOxIN
AIOxINE
SYNC
SYSCLK
Logic implemented in GPIO MUX block
AIODAT Reg
(Read)
AIODAT Reg
(Latch)
AIOSET,
AIOCLEAR,
AIOTOGGLE
Regs
AIOMUX 1 Reg
1
0
(0 = Input, 1 = Output)
AIODIR Reg
(Latch)
0
98
TMS320F28069, TMS320F28069F, TMS320F28069M, TMS320F28068F, TMS320F28068M
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064
TMS320F28063, TMS320F28062, TMS320F28062F
SPRS698H – NOVEMBER 2010 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28069F TMS320F28069M TMS320F28068F TMS320F28068M
TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062
TMS320F28062F
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
6.9.2.2
ADC MUX
Figure 6-29. AIOx Pin Multiplexing
The ADC channel and Comparator functions are always available. The digital I/O function is available only
when the respective bit in the AIOMUX1 register is 0. In this mode, reading the AIODAT register reflects
the actual pin state.
The digital I/O function is disabled when the respective bit in the AIOMUX1 register is 1. In this mode,
reading the AIODAT register reflects the output latch of the AIODAT register and the input digital I/O buffer
is disabled to prevent analog signals from generating noise.
On reset, the digital function is disabled. If the pin is used as an analog input, users should keep the AIO
function disabled for that pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com