Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 79Page - Texas Instruments TMS320F28062F Datasheet HTML 80Page - Texas Instruments TMS320F28062F Datasheet HTML 81Page - Texas Instruments TMS320F28062F Datasheet HTML 82Page - Texas Instruments TMS320F28062F Datasheet HTML 83Page - Texas Instruments TMS320F28062F Datasheet HTML 84Page - Texas Instruments TMS320F28062F Datasheet HTML 85Page - Texas Instruments TMS320F28062F Datasheet HTML 86Page - Texas Instruments TMS320F28062F Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 181 page
background image
XINT1, XINT2, XINT3
tw(INT)
Interrupt Vector
td(INT)
Address bus
(internal)
83
TMS320F28069, TMS320F28069F, TMS320F28069M, TMS320F28068F, TMS320F28068M
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064
TMS320F28063, TMS320F28062, TMS320F28062F
www.ti.com
SPRS698H – NOVEMBER 2010 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28069F TMS320F28069M TMS320F28068F TMS320F28068M
TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063 TMS320F28062
TMS320F28062F
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
6.8.1
External Interrupts
Table 6-19. External Interrupt Registers
NAME
ADDRESS
SIZE (×16)
DESCRIPTION
XINT1CR
0x00 7070
1
XINT1 configuration register
XINT2CR
0x00 7071
1
XINT2 configuration register
XINT3CR
0x00 7072
1
XINT3 configuration register
XINT1CTR
0x00 7078
1
XINT1 counter register
XINT2CTR
0x00 7079
1
XINT2 counter register
XINT3CTR
0x00 707A
1
XINT3 counter register
Each external interrupt can be enabled or disabled or qualified using positive, negative, or both positive
and negative edge. For more information, see the Systems Control and Interrupts chapter of the
TMS320x2806x Technical Reference Manual.
6.8.1.1
External Interrupt Electrical Data/Timing
(1)
For an explanation of the input qualifier parameters, see Table 6-77.
(2)
This timing is applicable to any GPIO pin configured for ADCSOC functionality.
Table 6-20. External Interrupt Timing Requirements(1)
MIN
MAX
UNIT
tw(INT)
(2)
Pulse duration, INT input low/high
Synchronous
1tc(SCO)
cycles
With qualifier
1tc(SCO) + tw(IQSW)
cycles
(1)
For an explanation of the input qualifier parameters, see Table 6-77.
Table 6-21. External Interrupt Switching Characteristics(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
td(INT)
Delay time, INT low/high to interrupt-vector fetch
tw(IQSW) + 12tc(SCO)
cycles
Figure 6-18. External Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com