Electronic Components Datasheet Search
  English  ▼

X  

IL6840 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL6840
Description  Telephone Tone Ringer with Bridge Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL6840 Datasheet(HTML) 3 Page - Integral Corp.

  IL6840 Datasheet HTML 1Page - Integral Corp. IL6840 Datasheet HTML 2Page - Integral Corp. IL6840 Datasheet HTML 3Page - Integral Corp. IL6840 Datasheet HTML 4Page - Integral Corp. IL6840 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL6840
AC CHARACTERISTICS
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Max
Unit
fH1
fH2
Output Frequencies
fH1
fH2
VCC = 26 V, R1 = 14 KΩ
VSCR = 0 V
V SCR = 6 V
1960
1420
2570
1840
Hz
Hz
fH Range max
VCC = 26 V, R1 = 1.7 KΩ,
VSCR = 0 V
14
KHz
fH Range min
VCC = 26 V, R1 = 27 KΩ,
VSCR = 6.0 V
0.11
KHz
fL
Sweep Frequency
VCC = 26 V, C1 = 100 nF
7.0
13.0
Hz
TEST AND APPLICATION CIRCUIT
Figure1 : Single output applied pin#5
0.22 F
f1 = 3.22 •10
4 / R
1 (KΩ);
f2 = 5/7 f1; fsweep = 1000 / C1(nF)
RING
TIP
1 F, 250V AC
2.2 K
R2
C2
10K
10K
10 F
100nF
14K
C
3
C1
R
1
VOUT
IL6840
5
6
7
TEL
Piezo
2
3
1
4
1300:8
VS
8
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com