Electronic Components Datasheet Search
  English  ▼

X  

IL6840 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL6840
Description  Telephone Tone Ringer with Bridge Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL6840 Datasheet(HTML) 1 Page - Integral Corp.

  IL6840 Datasheet HTML 1Page - Integral Corp. IL6840 Datasheet HTML 2Page - Integral Corp. IL6840 Datasheet HTML 3Page - Integral Corp. IL6840 Datasheet HTML 4Page - Integral Corp. IL6840 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IL6840
Telephone Tone Ringer with
Bridge Diode
ORDERING INFORMATION
IL6840N Plastic DIP
IL6840D
SOIC
TA = -40° to 70° C
for package
The IL6840 is a monolithic integrated circuit telephone tone ringer with
bridge diode, when coupled with an appropriate transducer, it replaces
the electro-mechanical bell. The device is designed for use with either a
piezo transducer or an inexpensive transformer coupled speaker to
produce a pleasing tone composed of a high frequency (fR) alternating
with a low frequency (fL) resulting in a warble frequency. The supply
voltage is obtained from the AC ring signal and the circuit is designed so
that noise on the line or variation of the ringing signal can not affect
correct operation of the device.
• On chip high voltage full wave diode bridge rectifier
• Low current consumption, in order to allow the parallel operation of
the 4 devices
• Low external component count
• Tone and switching frequencies adjustable by external components
• High noise immunity due to built-in voltage-current hysteresis
• Activation voltage adjustable
• Internal zener diodes to protect against over voltages
• Ringer impedance adjustable with external components
PIN ASSIGNMENT
OUT
OUT
BLOCK DIAGRAM
1


Similar Part No. - IL6840

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
Low external component count
More results

Similar Description - IL6840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
Telephone Tone Ringer with Bridge Diode
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
Telephone tone ringer with bridge diode
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
Telephone Tone Ringer with Bridge Diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_08 Datasheet
279Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com