Electronic Components Datasheet Search
  English  ▼

X  

IL6840 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL6840
Description  Telephone Tone Ringer with Bridge Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL6840 Datasheet(HTML) 2 Page - Integral Corp.

  IL6840 Datasheet HTML 1Page - Integral Corp. IL6840 Datasheet HTML 2Page - Integral Corp. IL6840 Datasheet HTML 3Page - Integral Corp. IL6840 Datasheet HTML 4Page - Integral Corp. IL6840 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL6840
MAXIMUM RATINGS
* (T
A = 25°C)
Symbol
Parameter
Value
Unit
VTP
Calling Voltage (f = 50 Hz) Continuous
120
Vrms
VTP
Calling Voltage (f = 50 Hz) 5 Sec ON/10 Sec OFF
200
Vrms
ICC
Supply Current
22
mA
Tstg
Storage and Junction Temperature
-60 to +125
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
26
V
TA
Operating Temperature
-40
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Max
Unit
ICC
Current Consumption without
Load
VS=8.8 to 26 V
1.8
mA
VON
Activiation Voltage
12.2
13
V
VONR
Activiation Voltage Range
RA = 1 KΩ
8
10
V
VSUS
Sustaining Voltage
8
8.8
V
RD
Differential Resistance in Off
Condition
VTIP = 8.0 V
VRING = 0 V
6.4
3500
K
VOUT
Output Voltage Swing
VS = 26 V,
VSRC = 8.0 V,
VOFR = 8.0 V
21
25.5
V
IOUT
Short Circuit Current
VS = 26 V
30
80
mA
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com